Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9254BCPZ-150 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9254BCPZ-150
Description  14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9254BCPZ-150 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9254BCPZ-150 Datasheet HTML 5Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 6Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 7Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 8Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 9Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 10Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 11Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 12Page - Analog Devices AD9254BCPZ-150 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9254
Rev. 0 | Page 9 of 40
EQUIVALENT CIRCUITS
VIN
Figure 4. Equivalent Analog Input Circuit
1.2V
10kΩ
10kΩ
CLK+
CLK–
AVDD
Figure 5. Equivalent Clock Input Circuit
SDIO/DCS
1kΩ
DRVDD
Figure 6. Equivalent SDIO/DCS Input Circuit
DRVDD
DRGND
Figure 7. Equivalent Digital Output Circuit
SCLK/DFS
OEB
PDWN
1k
30k
Figure 8. Equivalent SCLK/DFS, OEB, PDWN Input Circuit
CSB
1k
26k
AVDD
Figure 9. Equivalent CSB Input Circuit
SENSE
1kΩ
Figure 10. Equivalent Sense Circuit
VREF
AVDD
6kΩ
Figure 11. Equivalent VREF Circuit


Similar Part No. - AD9254BCPZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9254BCPZ-150 AD-AD9254BCPZ-150 Datasheet
1Mb / 41P
   Analog-to-Digital Converter
More results

Similar Description - AD9254BCPZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640ABCPZ-105 AD-AD9640ABCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com