Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1505 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # KTA1505
Description  Excellent hFE linearity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

KTA1505 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  KTA1505 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED KTA1505 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
KTA1505 Typical Characteristics
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - KTA1505

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1505 KEC-KTA1505 Datasheet
246Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Galaxy Semi-Conductor H...
KTA1505 BILIN-KTA1505 Datasheet
232Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
logo
GUANGDONG HOTTECH INDUS...
KTA1505 HOTTECH-KTA1505 Datasheet
150Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
KTA1505 BILIN-KTA1505 Datasheet
201Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - KTA1505

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
M28S MAKOSEMI-M28S Datasheet
273Kb / 2P
   Excellent HFE Linearity.
logo
Shenzhen Luguang Electr...
LGA1266 LUGUANG-LGA1266 Datasheet
220Kb / 2P
   Excellent hFE Linearity
logo
Guilin Strong Micro-Ele...
GM1015 GSME-GM1015 Datasheet
278Kb / 3P
   Excellent HFE Linearity HFE : HFE(0.1mA)/HFE(2mA)=0.95(Typ.)
GM1815 GSME-GM1815 Datasheet
278Kb / 3P
   Excellent HFE Linearity HFE : HFE(0.1mA)/ HFE(2mA)=0.95(Typ.)
GM9014 GSME-GM9014 Datasheet
246Kb / 3P
   Excellent HFE Linearity HFE : HFE(0.1mA)/ hFE(2mA)=0.95(Typ.)
GM9015 GSME-GM9015 Datasheet
246Kb / 3P
   Excellent HFE Linearity HFE : hFE(0.1mA)/ hFE(2mA)=0.95(Typ.)
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
   High current gain, Excellent hFE Linearity
M28S SKTECHNOLGY-M28S Datasheet
597Kb / 3P
   Excellent HFE Linearity, High DV current gain
logo
Guilin Strong Micro-Ele...
GM9012 GSME-GM9012 Datasheet
246Kb / 3P
   Excellent HFE Linearity HFE hFE(2)=25(Min.) at VCE=6V,Ic=400mA.
GM9013 GSME-GM9013 Datasheet
245Kb / 3P
   Excellent HFE Linearity HFE hFE(2)=25(Min.) at VCE=6V,Ic=400mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com