Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS154K Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS154K
Description  Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS154K Datasheet(HTML) 4 Page - Intersil Corporation

  HCS154K Datasheet HTML 1Page - Intersil Corporation HCS154K Datasheet HTML 2Page - Intersil Corporation HCS154K Datasheet HTML 3Page - Intersil Corporation HCS154K Datasheet HTML 4Page - Intersil Corporation HCS154K Datasheet HTML 5Page - Intersil Corporation HCS154K Datasheet HTML 6Page - Intersil Corporation HCS154K Datasheet HTML 7Page - Intersil Corporation HCS154K Datasheet HTML 8Page - Intersil Corporation HCS154K Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Specifications HCS154MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Address to Output
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
34
ns
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
31
ns
Enable to Output
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
27
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
66
pF
1
+125oC, -55oC
-
74
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50
µA
+25oC
-
0.1
V
Spec Number
518754


Similar Part No. - HCS154K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS Datasheet
383Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
More results

Similar Description - HCS154K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Intersil Corporation
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
   Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com