Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9387NK Datasheet(PDF) 3 Page - Analog Devices

Part # AD9387NK
Description  High Performance, Low Power HDMI/DVI Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9387NK Datasheet(HTML) 3 Page - Analog Devices

  AD9387NK_15 Datasheet HTML 1Page - Analog Devices AD9387NK_15 Datasheet HTML 2Page - Analog Devices AD9387NK_15 Datasheet HTML 3Page - Analog Devices AD9387NK_15 Datasheet HTML 4Page - Analog Devices AD9387NK_15 Datasheet HTML 5Page - Analog Devices AD9387NK_15 Datasheet HTML 6Page - Analog Devices AD9387NK_15 Datasheet HTML 7Page - Analog Devices AD9387NK_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD9387NK
Rev. 0 | Page 3 of 8
SPECIFICATIONS
Table 1. AD9387NKBBCZ-80/AD9387NKBBCZRL-80
Parameter
Conditions
Temp
Test Level1
Min
Typ
Max
Unit
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.4
3.5
V
Input Voltage, Low (VIL)
Full
VI
−0.3
+0.7
V
Input Capacitance
25°C
VIII
3
pF
THERMAL CHARACTERISTICS
Thermal Resistance
Junction-to-Case BGA (θJC)
V
15.2
°C/W
Junction-to-Ambient (θJA)
V
59
°C/W
Ambient Temperature
Full
V
−25
+25
+90
°C
DC SPECIFICATIONS
Input Leakage Current (IIL)
Full
VI
−10
+10
μA
AC SPECIFICATIONS
CLK Frequency
Full
IV
13.5
80
MHz
TMDS Output CLK Duty Cycle
Full
IV
48
52
%
Input Data Setup Time
Full
IV
1
ns
Input Data Hold Time
Full
IV
0.7
ns
TMDS Differential Swing
VI
900
1000
1100
mV
VSYNC and HSYNC Delay from DE Falling Edge
IV
1
UI2
VSYNC and HSYNC Delay to DE Rising Edge
IV
1
UI2
Differential Output Swing
Low-to-High Transition Time
25°C
VII
75
175
ps
High-to-Low Transition Time
25°C
VII
75
175
ps
AUDIO AC TIMING
Sample Rate
I2S and S/PDIF
Full
IV
32
192
kHz
I2S Cycle Time
25°C
IV
1
UI2
I2S Setup Time
25°C
IV
2
ns
I2S Hold Time
25°C
IV
2
ns
1 See the
section.
Explanation of Test Levels
2 UI = unit interval.


Similar Part No. - AD9387NK_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9387NK/PCB AD-AD9387NK/PCB Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9387NKBBCZ-80 AD-AD9387NKBBCZ-80 Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9387NKBBCZRL-80 AD-AD9387NKBBCZRL-80 Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9387NKBCPZ-80 AD-AD9387NKBCPZ-80 Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
More results

Similar Description - AD9387NK_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com