Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS164DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS164DMSR
Description  Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS164DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCS164DMSR Datasheet HTML 1Page - Intersil Corporation HCS164DMSR Datasheet HTML 2Page - Intersil Corporation HCS164DMSR Datasheet HTML 3Page - Intersil Corporation HCS164DMSR Datasheet HTML 4Page - Intersil Corporation HCS164DMSR Datasheet HTML 5Page - Intersil Corporation HCS164DMSR Datasheet HTML 6Page - Intersil Corporation HCS164DMSR Datasheet HTML 7Page - Intersil Corporation HCS164DMSR Datasheet HTML 8Page - Intersil Corporation HCS164DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
233
Specifications HCS164MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP to Qn
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
32
ns
VCC = 4.5V
10, 11
+125oC, -55oC
2
37
ns
MR to Qn
TPHL
VCC = 4.5V
9
+25oC
2
32
ns
VCC = 4.5V
10, 11
+125oC, -55oC
2
37
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, f = 1MHz
+25oC
-
135
pF
+125oC, -55oC
-
165
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Transition Time
TTHL
TTLH
VCC = 4.5V
+25oC
-
15
ns
+125oC, -55oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Spec Number
518756


Similar Part No. - HCS164DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS164DMSR INTERSIL-HCS164DMSR Datasheet
223Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
logo
Renesas Technology Corp
HCS164DMSR RENESAS-HCS164DMSR Datasheet
431Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
More results

Similar Description - HCS164DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS Datasheet
223Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
logo
Renesas Technology Corp
HCS164MS RENESAS-HCS164MS Datasheet
431Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Intersil Corporation
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Renesas Technology Corp
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74LV164A8 HITACHI-HD74LV164A8 Datasheet
68Kb / 16P
   8-bit Parallel-out Serial-in Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com