Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS165D Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS165D
Description  Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS165D Datasheet(HTML) 4 Page - Intersil Corporation

  HCS165D Datasheet HTML 1Page - Intersil Corporation HCS165D Datasheet HTML 2Page - Intersil Corporation HCS165D Datasheet HTML 3Page - Intersil Corporation HCS165D Datasheet HTML 4Page - Intersil Corporation HCS165D Datasheet HTML 5Page - Intersil Corporation HCS165D Datasheet HTML 6Page - Intersil Corporation HCS165D Datasheet HTML 7Page - Intersil Corporation HCS165D Datasheet HTML 8Page - Intersil Corporation HCS165D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
243
Specifications HCS165MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP or CE to Q7 or
Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
35
ns
10, 11
+125oC, -55oC
2
41
ns
PEN to Q7 or Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
40
ns
10, 11
+125oC, -55oC
2
46
ns
D7 to Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
31
ns
D7 to Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
35
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
41
pF
+125oC, -55oC
-
56
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
20
pF
+125oC, -55oC
-
20
pF
Pulse Width Time CP,
PL
TW
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Setup Time
DS to CP, CE to CP,
Dn to PL
TSU
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Hold Time
DS to CP, CE
TH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC7
-
ns
+125oC, -55oC11
-
ns
Hold Time
CE to CP
TH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC0
-
ns
+125oC, -55oC0
-
ns
Recovery Time
PL to CP
TREC
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC20
-
ns
+125oC, -55oC30
-
ns
Maximum
Frequency
FMAX
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC
30
-
MHz
+125oC, -55oC
20
-
MHz
Output Transition Time
TTHL
TTLH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC
1
15
ns
+125oC, -55oC
1
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518757


Similar Part No. - HCS165D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS165D RENESAS-HCS165D Datasheet
410Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCS165DMSR RENESAS-HCS165DMSR Datasheet
410Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
More results

Similar Description - HCS165D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS195MS INTERSIL-HCS195MS Datasheet
229Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
logo
Renesas Technology Corp
HCS165MS RENESAS-HCS165MS Datasheet
410Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Intersil Corporation
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Renesas Technology Corp
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com