Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9430 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170/210 MSPS 3.3 V A/D Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9430_15 Datasheet HTML 4Page - Analog Devices AD9430_15 Datasheet HTML 5Page - Analog Devices AD9430_15 Datasheet HTML 6Page - Analog Devices AD9430_15 Datasheet HTML 7Page - Analog Devices AD9430_15 Datasheet HTML 8Page - Analog Devices AD9430_15 Datasheet HTML 9Page - Analog Devices AD9430_15 Datasheet HTML 10Page - Analog Devices AD9430_15 Datasheet HTML 11Page - Analog Devices AD9430_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9430
Rev. E | Page 8 of 44
SWITCHING SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, unless otherwise noted.
Table 4.
Test
AD9430-170
AD9430-210
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate1
Full
VI
170
210
MSPS
Minimum Conversion Rate1
Full
V
40
40
MSPS
CLK+ Pulse Width High (tEH)1
Full
IV
2
12.5
2
12.5
ns
CLK+ Pulse Width Low (tEL)1
Full
IV
2
12.5
2
12.5
ns
DS Input Setup Time (tSDS)2
Full
IV
–0.5
–0.5
ns
DS Input Hold Time (tHDS)2
Full
IV
1.75
1.75
ns
OUTPUT (CMOS Mode)
Valid Time (tV)
Full
IV
2
2
ns
Propagation Delay (tPD)
Full
IV
3.8
5
3.8
5
ns
Rise Time (tR) (20% to 80%)
25°C
V
1
1
ns
Fall Time (tF) (20% to 80%)
25°C
V
1
1
ns
DCO Propagation Delay (tCPD)
Full
IV
3.8
5
3.8
5
ns
Data to DCO Skew (tPD to tCPD)
Full
IV
–0.5
0
+0.5
–0.5
0
+0.5
ns
Interleaved Mode (A, B Latency)
Full
IV
14, 14
14, 14
Cycles
Parallel Mode (A, B Latency)
Full
IV
15, 14
15, 14
Cycles
OUTPUT (LVDS Mode)
Valid Time (tV)
Full
VI
2.0
2.0
ns
Propagation Delay (tPD)
Full
VI
3.2
4.3
3.2
4.3
ns
Rise Time (tR) (20% to 80%)
25°C
V
0.5
0.5
ns
Fall Time (tF) (20% to 80%)
25°C
V
0.5
0.5
ns
DCO Propagation Delay (tCPD)
Full
VI
1.8
2.7
3.8
1.8
2.7
3.8
ns
Data to DCO Skew (tPD – tCPD)
Full
IV
0.2
0.5
0.8
0.2
0.5
0.8
ns
Latency
Full
IV
14
14
Cycles
APERTURE DELAY (tA)
25°C
V
1.2
1.2
ns
APERTURE UNCERTAINTY (Jitter, tJ)
25°C
V
0.25
0.25
ps rms
OUT OF RANGE RECOVERY TIME (CMOS and LVDS)
25°C
V
1
1
Cycles
1 All ac specifications tested by differentially driving CLK+ and CLK−.
2 DS inputs used in CMOS mode only.


Similar Part No. - AD9430_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_17 Datasheet
1Mb / 45P
   3.3V A/D Converter
More results

Similar Description - AD9430_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9430 AD-AD9430 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com