Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9444 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9444
Description  14-Bit, 80 MSPS, A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444 Datasheet(HTML) 5 Page - Analog Devices

  AD9444_15 Datasheet HTML 1Page - Analog Devices AD9444_15 Datasheet HTML 2Page - Analog Devices AD9444_15 Datasheet HTML 3Page - Analog Devices AD9444_15 Datasheet HTML 4Page - Analog Devices AD9444_15 Datasheet HTML 5Page - Analog Devices AD9444_15 Datasheet HTML 6Page - Analog Devices AD9444_15 Datasheet HTML 7Page - Analog Devices AD9444_15 Datasheet HTML 8Page - Analog Devices AD9444_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9444
Rev. 0 | Page 5 of 40
DIGITAL SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, RLVDSBIAS = 3.74 kΩ, unless otherwise noted.
Table 3.
AD9444BSVZ-80
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CMOS LOGIC INPUTS (DFS, DCS MODE, OUTPUT MODE)
High Level Input Voltage
Full
IV
2.0
V
Low Level Input Voltage
Full
IV
0.8
V
High Level Input Current
Full
VI
+200
µA
Low Level Input Current
Full
VI
−10
+10
µA
Input Capacitance
Full
V
2
pF
DIGITAL OUTPUT BITS—CMOS Mode (D0 to D13, OTR)1
DRVDD = 3.3 V
High Level Output Voltage
Full
IV
3.25
V
Low Level Output Voltage
Full
IV
0.2
V
DIGITAL OUTPUT BITS LVDS Mode (D0 to D13, OTR)
VOD Differential Output Voltage2
Full
VI
247
545
mV
VOS Output Offset Voltage
Full
VI
1.125
1.375
V
CLOCK INPUTS (CLK+, CLK−)
Differential Input Voltage
Full
IV
0.2
V
Common-Mode Voltage
Full
VI
1.3
1.5
1.6
V
Differential Input Resistance
Full
V
8
10
12
kΩ
Differential Input Capacitance
Full
V
4
pF
1 Output voltage levels measured with 5 pF load on each output.
2 LVDS RTERM = 100 Ω.


Similar Part No. - AD9444_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
More results

Similar Description - AD9444_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com