Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9018 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # S9018
Description  AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

S9018 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  S9018 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED S9018 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED S9018 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page:P3 -P1
Plastic-Encapsulate Transistors
FEATURES
AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
High Current Gain Bandwidth Product fT=1.1 GHz (Typ)
MARKING: J8
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
30
V
Collector-Emitter Voltage
V
CEO
15
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
50
mA
Collector Power Dissipation
PC
0.2
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 100μA, IE=0
30
V
Collector-emitter breakdown voltage
VCEO
IC= 1mA, IB=0
15
V
Emitter-base breakdown voltage
VEBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICB
O
VCB=12V, IE=0
0.05
μA
Collector cut-off current
ICE
O
VCE=12V, IB=0
0.1
μA
Emitter cut-off current
IEB
O
VEB= 3V, IC=0
0.1
μA
DC current gain
hFE(1)
VCE=5V, IC= 1mA
70
190
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB= 1mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA, IB= 1mA
1.4
V
Transition frequency
fT
VCE=5V, IC= 5mA
f=400MHz
600
MHz
CLASSIFICATION OF
hFE
Rank
L
H
Range
70-110
110-200
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
S9018
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - S9018

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9018 FAIRCHILD-S9018 Datasheet
40Kb / 4P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
Galaxy Semi-Conductor H...
S9018 BILIN-S9018 Datasheet
189Kb / 3P
   Silicon Epitaxial Planar Transistor
logo
Goodwork Semiconductor ...
S9018 GWSEMI-S9018 Datasheet
527Kb / 3P
   TRANSISTOR(NPN)
logo
List of Unclassifed Man...
S9018 ETC-S9018 Datasheet
36Kb / 1P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
Jiangsu High diode Semi...
S9018 HDSEMI-S9018 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - S9018

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9018 FAIRCHILD-SS9018 Datasheet
40Kb / 4P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
67Kb / 2P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
MMBT9018 UTC-MMBT9018_15 Datasheet
108Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
MMBT9018 UTC-MMBT9018_10 Datasheet
132Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
9018 UTC-9018_15 Datasheet
118Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
List of Unclassifed Man...
S9018 ETC-S9018 Datasheet
36Kb / 1P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
2SC9018 ETC-2SC9018 Datasheet
73Kb / 2P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
Unisonic Technologies
MMBT9018 UTC-MMBT9018 Datasheet
104Kb / 3P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G9018 ETL-G9018 Datasheet
170Kb / 2P
   The G9018 is designed for use in AM/FM amplifier and local oscillator of FM/VHF tuner
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
   AM Tuner, FM-AM IF Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com