Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS240D Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCS240D
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS240D Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCS240D Datasheet HTML 2Page - Intersil Corporation HCS240D Datasheet HTML 3Page - Intersil Corporation HCS240D Datasheet HTML 4Page - Intersil Corporation HCS240D Datasheet HTML 5Page - Intersil Corporation HCS240D Datasheet HTML 6Page - Intersil Corporation HCS240D Datasheet HTML 7Page - Intersil Corporation HCS240D Datasheet HTML 8Page - Intersil Corporation HCS240D Datasheet HTML 9Page - Intersil Corporation HCS240D Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Specifications HCS240MS
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate group A testing in accordance with Method 5005 of Mil-Std-883 may be exercised.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% go/no-go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC I BURN-IN (Note 1)
3, 5, 7, 9, 12, 14, 16, 18
1, 2, 4, 6, 8, 10, 11,
13, 15, 17, 19
-20
-
-
STATIC II BURN-IN (Note 1)
3, 5, 7, 9, 12, 14, 16, 18
10
-
1, 2, 4, 6, 8, 11, 13,
15, 17, 19, 20
--
DYNAMIC BURN-IN (Note 2)
-
1, 10, 19
3, 5, 7, 9, 12, 14, 16,
18
20
2, 4, 6, 8, 11,
13, 15, 17
-
NOTES:
1. Each pin except VCC and GND will have a series resistor of 10k
Ω± 5%.
2. Each pin except VCC and GND will have a series resistor of 680
Ω± 5%.
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
3, 5, 7, 9, 12, 14, 16, 18
10
1, 2, 4, 6, 8, 11, 13, 15, 17, 19, 20
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing. Group E,
Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518837


Similar Part No. - HCS240D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS240D RENESAS-HCS240D Datasheet
480Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS240DMSR RENESAS-HCS240DMSR Datasheet
480Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results

Similar Description - HCS240D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
   Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS244T INTERSIL-HCTS244T Datasheet
105Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com