Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32-P407 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # STM32-P407
Description  Introduction to the chapter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32-P407 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button STM32-P407 Datasheet HTML 15Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 16Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 17Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 18Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 19Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 20Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 21Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 22Page - List of Unclassifed Manufacturers STM32-P407 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
OLIMEX© 2014
STM32-P407 user's manual
6
VSS
7
DAT0/DO
8
DAT1
6.10 RS232_1
RS232_1 is located on USART6/SPI3 line. This interface can be used for accessing the built-in
bootloader of STM32F407 microcontroller. You will need DB9 male – DB9 female RS232 cable.
You will also need a freely distributed piece of software called “Flash Loader Demo” - it can be
downloaded from the official page of the microcontroller under the “Design resources” (by the time
of writing the resource is located here: http://www.st.com/web/en/catalog/tools/PF257525 ) . Once
you have acquired the needed perquisites we need to set the board for bootloader mode as explained
below:
Step 0. It is good idea to revert all jumpers to default positions in the beginning
Step 1. Change jumper B0_1/B0_0 to B0_1 position (as said in the table print – “Boot Mode:
System Memory”)
Step 2. RST_E and BOOT0_E should be open, as per default (if they are closed; they are located
below the RS232 connectors)
Step 3. Close TX_BOOT_E and RX_BOOT_E by soldering. They are located on the back of the
board near CAN connector.
Step 4. Download, install the Flash Loader Demo (from the STM32F407 web page, resources
window)
Step 5. Connect RS232 and run the Flash Loader Application, the target is STM32F4_1024K (check
the screenshots below).
Pin #
Signal Name
1
Not Connected
2
T1OUT
3
R1IN
4
Not Connected
5
GND
6
Not Connected
7
CTS
8
RTS
9
Not Connected
Page 19 of 32


Similar Part No. - STM32-P407

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32-PRIMER STMICROELECTRONICS-STM32-PRIMER Datasheet
111Kb / 3P
   Raisonance STM32 Primers for fun, easy evaluation and development with STM32
STM32-PRIMER STMICROELECTRONICS-STM32-PRIMER Datasheet
265Kb / 7P
   Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
October 2013 Rev 10
More results

Similar Description - STM32-P407

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP-PROG ESPRESSIF-ESP-PROG Datasheet
702Kb / 6P
   Introduction to the ESP-Prog Board
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
logo
AEL Crystals Ltd
P0103 AEL-P0103 Datasheet
4Mb / 50P
   Introduction of the VEEK-MT
logo
Integrated Device Techn...
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
   This chapter discusses the following topics about the Tsi340
TSI352 IDT-TSI352 Datasheet
926Kb / 183P
   This chapter discusses the following topics about the Tsi352
logo
STMicroelectronics
AN2142 STMICROELECTRONICS-AN2142 Datasheet
705Kb / 16P
   This document provides an introduction to the Tasking toolchain
AN900 STMICROELECTRONICS-AN900 Datasheet
787Kb / 15P
   INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
logo
Motorola, Inc
MPA1016FN MOTOROLA-MPA1016FN Datasheet
1Mb / 85P
   INTRODUCTION TO MOTOROLA PROGRAMMABLE ARRAYS AND THE MPA DESIGN SYSTEM
logo
Fairchild Semiconductor
AN-558 FAIRCHILD-AN-558 Datasheet
774Kb / 12P
   Introduction to Power MOSFETS
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com