Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3143-K3 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3143-K3
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3143-K3 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3143-K3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3143-K3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3143-K3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SC3143
Typical Characterisitics
VCE(sat) -- IC
5
7
10
2
1.0
3
2
7
5
3
100
0.1
7
7
1.0
5
3
5
3
2
2SC3143
IC / IB=10
2SC3143
f=1MHz
7
10
2
3
1.0
5
3
2
7
5
100
2
1.0
7
10
5
3
3
2
7
5
2
Cob -- VCB
V
,
e
g
a
tl
o
V
e
s
a
B
-
o
t-
r
o
t
c
e
ll
o
C
CB -- V
Collector Current, IC – mA
VBE(sat) -- IC
5
7
10
2
1.0
3
2
7
5
3
100
1.0
7
7
10
5
3
5
3
2
2SC3143
IC / IB=10
Collector Current, IC – mA
0
20
40
60
80
100
120
140
0
50
100
250
150
200
300
PC -- Ta
Ambient Temperature, Ta – ˚C


Similar Part No. - 2SC3143-K3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3143-HF-3 KEXIN-2SC3143-HF-3_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC3143-HF KEXIN-2SC3143-HF_15 Datasheet
979Kb / 3P
   NPN Transistors
More results

Similar Description - 2SC3143-K3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com