Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS08K Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCTS08K
Description  Radiation Hardened Quad 2-Input AND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS08K Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCTS08K Datasheet HTML 2Page - Intersil Corporation HCTS08K Datasheet HTML 3Page - Intersil Corporation HCTS08K Datasheet HTML 4Page - Intersil Corporation HCTS08K Datasheet HTML 5Page - Intersil Corporation HCTS08K Datasheet HTML 6Page - Intersil Corporation HCTS08K Datasheet HTML 7Page - Intersil Corporation HCTS08K Datasheet HTML 8Page - Intersil Corporation HCTS08K Datasheet HTML 9Page - Intersil Corporation HCTS08K Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HCTS08MS
Spec Number
518842
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark. Alternately, a tab (dimension k)
may be used to identify pin one.
2. If a pin one identification mark is used in addition to a tab, the lim-
its of dimension k do not apply.
3. This dimension allows for off-center lid, meniscus, and glass
overrun.
4. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness. The maximum lim-
its of lead dimensions b and c or M shall be measured at the cen-
troid of the finished lead surfaces, when solder dip or tin plate
lead finish is applied.
5. N is the maximum number of terminal positions.
6. Measure dimension S1 at all four corners.
7. For bottom-brazed lead packages, no organic or polymeric mate-
rials shall be molded to the bottom of the package to cover the
leads.
8. Dimension Q shall be measured at the point of exit (beyond the
meniscus) of the lead from the body. Dimension Q minimum
shall be reduced by 0.0015 inch (0.038mm) maximum when sol-
der dip lead finish is applied.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.
-D-
-C-
0.004
H A - B
M
D
S
S
-A-
-B-
0.036
H A - B
M
D
S
S
e
E
A
Q
L
D
A
E1
SEATING AND
L
E2
E3
E3
BASE PLANE
-H-
b
C
S1
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
PIN NO. 1
ID AREA
A
M
K14.B
14 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.045
0.115
1.14
2.92
-
b
0.015
0.022
0.38
0.56
-
b1
0.015
0.019
0.38
0.48
-
c
0.003
0.009
0.08
0.23
-
c1
0.003
0.007
0.08
0.18
-
D
-
0.390
-
9.91
3
E
0.235
0.260
5.97
6.60
-
E1
-
0.290
-
7.11
3
E2
0.125
-
3.18
-
-
E3
0.030
-
0.76
-
7
e
0.050 BSC
1.27 BSC
-
k
0.008
0.015
0.20
0.38
2
L
0.270
0.370
6.86
9.40
-
Q
0.010
0.020
0.25
0.51
8
S1
0.005
-
0.13
-
6
M
-
0.0015
-
0.04
-
N14
14
-
Rev. 0 6/14/94
Packaging (Continued)


Similar Part No. - HCTS08K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS08K RENESAS-HCTS08K Datasheet
369Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
August 1995
HCTS08KMSR RENESAS-HCTS08KMSR Datasheet
369Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
August 1995
More results

Similar Description - HCTS08K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
logo
Renesas Technology Corp
ACS08MS RENESAS-ACS08MS Datasheet
228Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
HCTS08MS RENESAS-HCTS08MS Datasheet
369Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Intersil Corporation
HCS08MS INTERSIL-HCS08MS Datasheet
126Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Renesas Technology Corp
HCS08MS RENESAS-HCS08MS Datasheet
488Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Intersil Corporation
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com