Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS112DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS112DMSR
Description  Radiation Hardened Dual JK Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS112DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS112DMSR Datasheet HTML 1Page - Intersil Corporation HCTS112DMSR Datasheet HTML 2Page - Intersil Corporation HCTS112DMSR Datasheet HTML 3Page - Intersil Corporation HCTS112DMSR Datasheet HTML 4Page - Intersil Corporation HCTS112DMSR Datasheet HTML 5Page - Intersil Corporation HCTS112DMSR Datasheet HTML 6Page - Intersil Corporation HCTS112DMSR Datasheet HTML 7Page - Intersil Corporation HCTS112DMSR Datasheet HTML 8Page - Intersil Corporation HCTS112DMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
493
Specifications HCTS112MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP to Q, Q
TPHL
VCC = 4.5V
9
+25oC
2
37
ns
10, 11
+125oC, -55oC
2
42
ns
TPLH
VCC = 4.5V
9
+25oC
2
34
ns
10, 11
+125oC, -55oC
2
38
ns
S to Q
TPLH
VCC = 4.5V
9
+25oC
2
21
ns
10, 11
+125oC, -55oC
2
24
ns
S to Q
TPHL
VCC = 4.5V
9
+25oC
2
35
ns
10, 11
+125oC, -55oC
2
41
ns
R to Q
TPHL
VCC = 4.5V
9
+25oC
2
33
ns
10, 11
+125oC, -55oC
2
38
ns
R to Q
TPLH
VCC = 4.5V
9
+25oC
2
28
ns
10, 11
+125oC, -55oC
2
34
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
60
pF
1
+125oC, -55oC
-
150
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL,
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC
-
22
ns
Setup Time J, K to
CP
TSU
VCC = 4.5V
1
+25oC14
-
ns
1
+125oC16
-
ns
Hold Time J, K to CP
TH
VCC = 4.5V
1
+25oC3
-
ns
1
+125oC3
-
ns
Removal Time R, S
to CP
TREM
VCC = 4.5V
1
+25oC18
-
ns
1
+125oC20
-
ns
Pulse Width R, S
TW (R, S)
VCC = 4.5V
1
+25oC16
-
ns
1
+125oC18
-
ns
Pulse Width CP
TW (CP)
VCC = 4.5V
1
+25oC14
-
ns
1
+125oC16
-
ns
Max Operating
Frequency
FMAX
VCC = 4.5V
1
+25oC
-
30
MHz
1
+125oC
-
20
MHz
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518603


Similar Part No. - HCTS112DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
More results

Similar Description - HCTS112DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS109MS INTERSIL-HCTS109MS Datasheet
170Kb / 9P
   Radiation Hardened Dual JK Flip Flop
September 1995
HCTS109T INTERSIL-HCTS109T Datasheet
121Kb / 3P
   Radiation Hardened Dual JK Flip Flop
July 1999
HCS112MS INTERSIL-HCS112MS Datasheet
180Kb / 9P
   Radiation Hardened Dual JK Flip-Flop
September 1995
HCS109MS INTERSIL-HCS109MS Datasheet
171Kb / 9P
   Radiation Hardened Dual JK Flip Flop
September 1995
logo
Renesas Technology Corp
HCS109MS RENESAS-HCS109MS Datasheet
403Kb / 9P
   Radiation Hardened Dual JK Flip Flop
September 1995
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com