Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS139KMSR Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCTS139KMSR
Description  Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS139KMSR Datasheet(HTML) 3 Page - Intersil Corporation

  HCTS139KMSR Datasheet HTML 1Page - Intersil Corporation HCTS139KMSR Datasheet HTML 2Page - Intersil Corporation HCTS139KMSR Datasheet HTML 3Page - Intersil Corporation HCTS139KMSR Datasheet HTML 4Page - Intersil Corporation HCTS139KMSR Datasheet HTML 5Page - Intersil Corporation HCTS139KMSR Datasheet HTML 6Page - Intersil Corporation HCTS139KMSR Datasheet HTML 7Page - Intersil Corporation HCTS139KMSR Datasheet HTML 8Page - Intersil Corporation HCTS139KMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
522
Specifications HCTS139MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
73oC/W
24oC/W
Ceramic Flatpack Package . . . . . . . . . . .
114oC/W
29oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.44W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.7mW/oC
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 8.8mW/oC
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation..
Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Rise and Fall Times at VCC = 4.5V (TR, TF) . . . . .500ns Max
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . . .VCC/2 to VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
40
µA
2, 3
+125oC, -55oC
-
750
µA
Output Current
(Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1
+25oC
7.2
-
mA
2, 3
+125oC, -55oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V
1
+25oC
-7.2
-
mA
2, 3
+125oC, -55oC
-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 5.5V, VIH = 2.75V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±5.0
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V (Note 2)
7, 8A, 8B
+25oC, +125oC, -55oC
---
NOTES:
1. All voltages reference to device GND.
2. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
Spec Number
518606


Similar Part No. - HCTS139KMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS139KMSR RENESAS-HCTS139KMSR Datasheet
834Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
More results

Similar Description - HCTS139KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
   Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
   Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
   Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Intersil Corporation
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
   Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com