Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9627 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9627
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9627_15 Datasheet HTML 3Page - Analog Devices AD9627_15 Datasheet HTML 4Page - Analog Devices AD9627_15 Datasheet HTML 5Page - Analog Devices AD9627_15 Datasheet HTML 6Page - Analog Devices AD9627_15 Datasheet HTML 7Page - Analog Devices AD9627_15 Datasheet HTML 8Page - Analog Devices AD9627_15 Datasheet HTML 9Page - Analog Devices AD9627_15 Datasheet HTML 10Page - Analog Devices AD9627_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
AD9627
Rev. B | Page 7 of 76
ADC AC SPECIFICATIONS—AD9627-80/AD9627-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, fast detect output pins disabled, and signal monitor disabled, unless otherwise noted.
Table 3.
Parameter1
Temperature
AD9627-80
AD9627-105
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.3 MHz
25°C
69.7
69.6
dB
fIN = 70 MHz
25°C
69.5
69.4
dB
Full
68.1
68.6
dB
fIN = 140 MHz
25°C
69.2
69.1
dB
fIN = 220 MHz
25°C
68.5
68.4
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.3 MHz
25°C
69.6
69.5
dB
fIN = 70 MHz
25°C
69.4
69.3
dB
Full
67.4
68.0
dB
fIN = 140 MHz
25°C
69.0
69.0
dB
fIN = 220 MHz
25°C
68.3
68.1
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.3 MHz
25°C
11.5
11.4
Bits
fIN = 70 MHz
25°C
11.4
11.4
Bits
fIN = 140 MHz
25°C
11.4
11.4
Bits
fIN = 220 MHz
25°C
11.3
11.2
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.3 MHz
25°C
−87
−87
dBc
fIN = 70 MHz
25°C
−85
−85
dBc
Full
−74
−74
dBc
fIN = 140 MHz
25°C
−84
−84
dBc
fIN = 220 MHz
25°C
−83
−83
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.3 MHz
25°C
87
87
dBc
fIN = 70 MHz
25°C
85
85
dBc
Full
74
74
dBc
fIN = 140 MHz
25°C
84
84
dBc
fIN = 220 MHz
25°C
83
83
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 2.3 MHz
25°C
−92
−92
dBc
fIN = 70 MHz
25°C
−89
−88
dBc
Full
−82
−82
dBc
fIN = 140 MHz
25°C
−89
−87
dBc
fIN = 220 MHz
25°C
−89
−86
dBc
TWO-TONE SFDR
fIN = 29.1 MHz, 32.1 MHz (−7 dBFS )
25°C
85
85
dBc
fIN = 169.1 MHz, 172.1 MHz (−7 dBFS )
25°C
82
82
dBc
CROSSTALK2
Full
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1 See Application Note AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.


Similar Part No. - AD9627_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9627-150EBZ AD-AD9627-150EBZ Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9627_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9633 AD-AD9633 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com