Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS157MS Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCTS157MS
Description  Radiation Hardened Quad 2-Input Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS157MS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCTS157MS Datasheet HTML 2Page - Intersil Corporation HCTS157MS Datasheet HTML 3Page - Intersil Corporation HCTS157MS Datasheet HTML 4Page - Intersil Corporation HCTS157MS Datasheet HTML 5Page - Intersil Corporation HCTS157MS Datasheet HTML 6Page - Intersil Corporation HCTS157MS Datasheet HTML 7Page - Intersil Corporation HCTS157MS Datasheet HTML 8Page - Intersil Corporation HCTS157MS Datasheet HTML 9Page - Intersil Corporation HCTS157MS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
555
Specifications HCTS157MS
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A testing in accordance with Method 5005 of MIL-STD-883 may be exercised.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC BURN-IN AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
4, 7, 9, 12
1 - 3, 5, 6, 8, 10, 11,
13 - 15
-16
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
4, 7, 9, 12
8
-
1 - 3, 5, 6, 10, 11,
13 - 16
--
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
8, 15
4, 7, 9, 12
16
2, 3, 5, 6, 10, 11,
13, 14
1
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω± 5% for static burn-in.
2. Each pin except VCC and GND will have a resistor of 680
Ω± 5% for dynamic burn-in.
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
4, 7, 9, 12
8
1, 2, 3, 5, 6, 10, 11, 13 - 16
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518610


Similar Part No. - HCTS157MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS157MS RENESAS-HCTS157MS Datasheet
390Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
August 1995
More results

Similar Description - HCTS157MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS157MS INTERSIL-HCS157MS Datasheet
168Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
September 1995
logo
Renesas Technology Corp
HCS157MS RENESAS-HCS157MS Datasheet
390Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
September 1995
HCTS157MS RENESAS-HCTS157MS Datasheet
390Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
August 1995
logo
Intersil Corporation
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
   Radiation Hardened Quad 2-Input OR Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com