Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS157DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS157DMSR
Description  Radiation Hardened Quad 2-Input Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS157DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS157DMSR Datasheet HTML 1Page - Intersil Corporation HCTS157DMSR Datasheet HTML 2Page - Intersil Corporation HCTS157DMSR Datasheet HTML 3Page - Intersil Corporation HCTS157DMSR Datasheet HTML 4Page - Intersil Corporation HCTS157DMSR Datasheet HTML 5Page - Intersil Corporation HCTS157DMSR Datasheet HTML 6Page - Intersil Corporation HCTS157DMSR Datasheet HTML 7Page - Intersil Corporation HCTS157DMSR Datasheet HTML 8Page - Intersil Corporation HCTS157DMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
553
Specifications HCTS157MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Data to Output
TPHL
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
30
ns
TPLH
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
24
ns
Enable to Output
TPHL
VCC = 4.5V
9
+25oC
2
22
ns
10, 11
+125oC, -55oC
2
25
ns
TPLH
VCC = 4.5V
9
+25oC
2
22
ns
10, 11
+125oC, -55oC
2
25
ns
Select to Output
TPHL
VCC = 4.5V
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
37
ns
TPLH
VCC = 4.5V
9
+25oC
2
25
ns
10, 11
+125oC, -55oC
2
29
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
54
pF
1
+125oC, -55oC
-
62
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHLT-
TLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518610


Similar Part No. - HCTS157DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS157DMSR RENESAS-HCTS157DMSR Datasheet
390Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
August 1995
More results

Similar Description - HCTS157DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS157MS INTERSIL-HCS157MS Datasheet
168Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
September 1995
logo
Renesas Technology Corp
HCS157MS RENESAS-HCS157MS Datasheet
390Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
September 1995
HCTS157MS RENESAS-HCTS157MS Datasheet
390Kb / 9P
   Radiation Hardened Quad 2-Input Multiplexers
August 1995
logo
Intersil Corporation
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
   Radiation Hardened Quad 2-Input NOR Gate
August 1995
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
April 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
[Old version datasheet]   Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
   Radiation Hardened Quad 2-Input OR Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com