Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9701 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9701
Description  250 MSPS Video Digital-to-Analog Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9701 Datasheet(HTML) 2 Page - Analog Devices

  AD9701_15 Datasheet HTML 1Page - Analog Devices AD9701_15 Datasheet HTML 2Page - Analog Devices AD9701_15 Datasheet HTML 3Page - Analog Devices AD9701_15 Datasheet HTML 4Page - Analog Devices AD9701_15 Datasheet HTML 5Page - Analog Devices AD9701_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
AD9701BQ
AD9701SQ/SE
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
Bits
DC ACCURACY
Differential Linearity
+25
°C
0.25
0.5
0.25
0.5
LSB
Full
1.0
1.0
LSB
Integral Linearity
+25
°C
0.25
0.5
0.25
0.5
LSB
Full
1.0
1.0
LSB
Monotonicity
Full
Guaranteed
Guaranteed
INITIAL OFFSET ERROR
3
Zero-Scale Offset Error4
+25
°C
0.05
0.9
0.05
0.9
mV
Full
0.9
0.9
mV
Zero-Scale Offset Drift Coefficient
Full
2
2
µV/°C
Full-Scale Drift Coefficient
Full
50
50
µV/°C
ANALOG OUTPUT
Voltage Output
5
10% Bright
6
Full
–0.9
0
–0.9
0
mV
Reference White
Full
–67.45
–71
–74.55
–67.45
–71
–74.55
mV
Blanking (Setup = 0 IRE)
7
Full
–698.55
–708.5
–718.45
–698.55
–708.5
–718.45
mV
Sync (Setup = 0 IRE)
8
Full
–979.25
–993.5
–1007.75
–979.25
–993.5
–1007.75
mV
Current Output
5
10% Bright
6
Full
–0.024
0
–0.024
0
mA
Reference White
Full
–1.805
–1.9
–1.996
–1.805
–1.9
–1.995
mA
Blanking (Setup = 0 IRE)
7
Full
–18.63
–18.9
–19.16
–18.63
–18.9
–19.16
mA
Sync (Setup = 0 IRE)
8
Full
–26.11
–26.5
–26.87
–26.11
–26.5
–26.87
mA
Output Compliance Range
Full
–1.6; +0.1
–1.6; +0.1
V
Output Resistance
+25
°C
640
800
640
800
DYNAMIC PERFORMANCE
Update Rate
+25
°C
225
250
225
250
MSPS
Output Propagation Delay9
+25
°C5
6
5
6
ns
Output Settling Time
10
Current
+25
°C8
8
ns
Voltage
+25
°C12
12
ns
Output Slew Rate11
+25
°C
255
300
255
300
V/
µs
Output Rise Time
11
+25
°C
1.7
2.0
1.7
2.0
ns
Output Fall Time11
+25
°C
1.7
2.0
1.7
2.0
ns
Glitch Impulse
+25
°C
60
70
60
70
pV-s
SETUP CONTROL
12
Setup Level (Grounded)
Full
0
0
IRE
Setup Level (Open)
Full
7.5
7.5
IRE
Setup Level
(Tied to –5.2 V with 1 k
Ω)
Full
10
10
IRE
Setup Level (–5.2 V)
Full
20
20
IRE
DIGITAL INPUTS
Logic “1” Voltage
Full
–1.1
–1.1
V
Logic “0” Voltage
Full
–1.5
–1.5
V
Logic “1” Current
Full
100
100
µA
Logic “0” Current
Full
15
15
µA
Input Capacitance
+25
°C
4
5.5
4
5.5
pF
Data Setup Time
+25
°C
0.1
0.1
ns
Data Hold Time
+25
°C
1.4
1.4
ns
–2–
AD9701–SPECIFICATIONS
REV. A
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (–VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V
Digital Input Voltages (Including STROBE, SYNC,
BLANKING, 10% BRIGHT and REFERENCE
WHITE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to –VS
Analog Output Current . . . . . . . . . . . . . . . . . . . . . . . . 37 mA
Power Dissipation (+25
°C Free Air)2 . . . . . . . . . . . . 780 mW
Operating Temperature Range
AD9701BQ . . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
AD9701SQ/SE . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . +300
°C
(Supply Voltages = –5.2 V; RL = 37.5
; Setup = 0 V, unless otherwise noted)


Similar Part No. - AD9701_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9701BQ AD-AD9701BQ Datasheet
127Kb / 6P
   250 MSPS Video Digital-to-Analog Converter
REV. A
AD9701SE AD-AD9701SE Datasheet
127Kb / 6P
   250 MSPS Video Digital-to-Analog Converter
REV. A
AD9701SQ AD-AD9701SQ Datasheet
127Kb / 6P
   250 MSPS Video Digital-to-Analog Converter
REV. A
More results

Similar Description - AD9701_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9701 AD-AD9701 Datasheet
127Kb / 6P
   250 MSPS Video Digital-to-Analog Converter
REV. A
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com