Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9713B Datasheet(PDF) 6 Page - Analog Devices

Part # AD9713B
Description  12-Bit, 100 MSPS D/A Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9713B Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9713B_15 Datasheet HTML 2Page - Analog Devices AD9713B_15 Datasheet HTML 3Page - Analog Devices AD9713B_15 Datasheet HTML 4Page - Analog Devices AD9713B_15 Datasheet HTML 5Page - Analog Devices AD9713B_15 Datasheet HTML 6Page - Analog Devices AD9713B_15 Datasheet HTML 7Page - Analog Devices AD9713B_15 Datasheet HTML 8Page - Analog Devices AD9713B_15 Datasheet HTML 9Page - Analog Devices AD9713B_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9712B/AD9713B
REV. B
–6–
The REFERENCE IN pin can also be driven directly for wider
bandwidth multiplying operation. The analog signal for this
mode of operation must have a signal swing in the range of
–3.75 V to –4.25 V. This can be implemented by capacitively
coupling into REFERENCE IN a signal with a dc bias of –3.75 V
to –4.25 V, as shown in Figure 3; or by driving REFERENCE
IN with a low impedance op amp whose signal swing is limited
to the stated range.
Outputs
As indicated earlier, D1–D4 (four MSBs) are decoded and drive
15 discrete current sinks. D5 and D6 are binarily weighted; and
D7–D12 are applied to the R-2R network. This segmented archi-
tecture reduces frequency domain errors due to glitch impulse.
REFERENCE
IN
AD9712B
AD9713B
–VS
~ –4V
–VS
17
Figure 3. Wideband Multiplying Circuit
The Switch Network provides complementary current outputs
IOUT and IOUT. These current outputs are based on statistical
current source matching which provides 12-bit linearity without
trim. Current is steered to either IOUT or IOUT in proportion to
the digital input code. The sum of the two currents is always
equal to the full-scale output current minus one LSB.
The current output can be converted to a voltage by resistive
loading as shown in Figure 4. Both IOUT and IOUT should be
loaded equally for best overall performance. The voltage which
is developed is the product of the output current and the value
of the load resistor.
Full-scale output current is determined by CONTROL AMP
IN and RSET according to the equation:
IOUT (FS) = (CONTROL AMP IN/RSET)
× 128
The internal reference is nominally –1.18 V with a tolerance of
±3.5% and typical drift over temperature of 50 ppm/°C. If
greater accuracy or better temperature stability is required, an
external reference can be utilized. The AD589 reference shown
in Figure 1 features
±10 ppm/°C drift over temperatures from
0
°C to +70°C.
CONTROL
AMP IN
AD9712B
AD9713B
AD589
+
R1
~
–11k
–VS
19
Figure 1. Use of AD589 as External Reference
Two modes of multiplying operation are possible with the
AD9712B/AD9713B. Signals with small signal bandwidths up
to 300 kHz and input swings of 100 mV, or dc signals from
–0.6 V to –1.2 V can be applied to the CONTROL AMP input
as shown in Figure 2. Because the control amplifier is internally
compensated, the 0.1
µF capacitor at Pin 17 can be reduced to
0.01
µF to maximize the multiplying bandwidth. However, it
should be noted that settling time for changes to the digital in-
puts will be degraded.
CONTROL
AMP IN
AD9712B
AD9713B
19
24
17
18
18
REFERENCE
IN
CONTROL
AMP OUT
RSET
RSET
R T
–0.6V TO –1.2V
300 kHz MAX
Figure 2. Low Frequency Multiplying Circuit


Similar Part No. - AD9713B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9713BAN AD-AD9713BAN Datasheet
329Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
logo
Fairchild Semiconductor
AD9713BAN FAIRCHILD-AD9713BAN Datasheet
206Kb / 17P
   EVALUATION BOARD
logo
Analog Devices
AD9713BAP AD-AD9713BAP Datasheet
329Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9713BBN AD-AD9713BBN Datasheet
329Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9713BBP AD-AD9713BBP Datasheet
329Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results

Similar Description - AD9713B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9712B AD-AD9712B Datasheet
329Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9734 AD-AD9734 Datasheet
934Kb / 42P
   14/12/10-Bit, 1200 MSPS D/A Converters
Rev. PrJ 9/7/2004
logo
Intersil Corporation
HI5731 INTERSIL-HI5731 Datasheet
370Kb / 15P
   12-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARZ AD-AD9220ARZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9704 AD-AD9704 Datasheet
2Mb / 52P
   8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com