Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9726 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9726
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 4 Page - Analog Devices

  AD9726_15 Datasheet HTML 1Page - Analog Devices AD9726_15 Datasheet HTML 2Page - Analog Devices AD9726_15 Datasheet HTML 3Page - Analog Devices AD9726_15 Datasheet HTML 4Page - Analog Devices AD9726_15 Datasheet HTML 5Page - Analog Devices AD9726_15 Datasheet HTML 6Page - Analog Devices AD9726_15 Datasheet HTML 7Page - Analog Devices AD9726_15 Datasheet HTML 8Page - Analog Devices AD9726_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9726
Rev. B | Page 4 of 24
AC SPECIFICATIONS
DBVDD = AVDD1 = AVDD2 = 3.3 V, DVDD = CLKVDD = ADVDD = ACVDD = 2.5 V, IOUT-FS = 20 mA, internal reference,
TMIN to TMAX, unless otherwise specified.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Output Settling Time (tST) to 0.1%
10.5
ns
Output Rise Time (10% to 90%)
500
ns
Output Fall Time (90% to 10%)
500
ns
Output Noise (IOUTFS = 20 mA)
45
pA/√Hz
TOTAL HARMONIC DISTORTION (THD)
fDAC = 400 MHz, fOUT = 1 MHz, 0 dBFS
−95
dB
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fDAC = 400 MHz, 0 dBFS
fOUT = 20 MHz
78
dBc
fOUT = 70 MHz
68
dBc
fOUT = 140 MHz
62
dBc
fDAC = 400 MHz, –3 dBFS
fOUT = 20 MHz
80
dBc
fOUT = 70 MHz
70
dBc
fOUT = 140 MHz
62
dBc
fDAC = 200 MHz, 0 dBFS
fOUT = 20 MHz
84
dBc
fOUT = 70 MHz
62
dBc
fDAC = 200 MHz, –3 dBFS
fOUT = 20 MHz
82
dBc
fOUT = 70 MHz
68
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 400 MHz, 0 dBFS
fOUT1 = 20 MHz, fOUT2 = 21 MHz
86
dBc
fOUT1 = 70 MHz, fOUT2 = 71 MHz
82
dBc
fOUT1 = 140 MHz, fOUT2 = 141 MHz
74
dBc
ADJACENT CHANNEL LEAKAGE RATIO (ACLR)
fDATA = 245.76 MSPS, fCARRIER = 70 MHz, One-Carrier WCDMA
76
dBc
fDATA = 245.76 MSPS, fCARRIER = 70 MHz, Two-Carrier WCDMA
70
dBc
fDATA = 245.76 MSPS, fCARRIER1 = 70 MHz, Four-Carrier WCDMA
66
dBc
fDATA = 245.76 MSPS, fCARRIER1 = 70 MHz, Eight-Carrier WCDMA
62
dBc
NOISE SPECTRAL DENSITY (NSD)
fDAC = 400 MHz, fOUT = 70 MHz, 0 dBFS
−160
dBm/Hz
fDAC = 400 MHz, fOUT = 70 MHz, –3 dBFS
−163
dBm/Hz
fDAC = 400 MHz, fOUT = 70 MHz, –6 dBFS
−165
dBm/Hz
UPDATE RATE
0
400
MSPS


Similar Part No. - AD9726_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726-EBZ AD-AD9726-EBZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSV AD-AD9726BSV Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZRL AD-AD9726BSVZRL Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results

Similar Description - AD9726_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com