Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9726 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9726
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 5 Page - Analog Devices

  AD9726_15 Datasheet HTML 1Page - Analog Devices AD9726_15 Datasheet HTML 2Page - Analog Devices AD9726_15 Datasheet HTML 3Page - Analog Devices AD9726_15 Datasheet HTML 4Page - Analog Devices AD9726_15 Datasheet HTML 5Page - Analog Devices AD9726_15 Datasheet HTML 6Page - Analog Devices AD9726_15 Datasheet HTML 7Page - Analog Devices AD9726_15 Datasheet HTML 8Page - Analog Devices AD9726_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9726
Rev. B | Page 5 of 24
DIGITAL SIGNAL SPECIFICATIONS
DBVDD = AVDD1 = AVDD2 = 3.3 V, DVDD = CLKVDD = ADVDD = ACVDD = 2.5 V, IOUT-FS = 20 mA, internal reference,
TMIN to TMAX, unless otherwise specified.
Table 3.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUTS (CLK±)
Differential Voltage
0.5
1.0
V
Common-Mode Voltage
1.0
1.25
V
LVDS INPUTS (DB[15:0]±, DCLK_IN±)
Input Voltage Range
825
1575
mV
Differential Threshold Voltage
100
mV
Differential Input Impedance
100
Ω
LVDS OUTPUT (DCLK_OUT±)
Differential Output Voltage1
250
400
mV
Offset Voltage
1.0
1.2
V
Short-Circuit Output Current
20
mA
CMOS INPUTS (CSB, SCLK, SDIO, RESET)
Logic 0 Voltage
0.5
V
Logic 1 Voltage
2.5
V
Input Current
1
nA
CMOS OUTPUTS (SDO, SDIO)
Logic 0 Voltage
0.5
V
Logic 1 Voltage
3.0
V
Short-Circuit Output Current
10
mA
CONTROL INPUTS (SPI_DIS, SDR_EN)
Logic 0 Voltage
0.5
V
Logic 1 Voltage
2.0
V
Input Current
1
nA
1 With 100 Ω external load.
TIMING SPECIFICATIONS
DBVDD = AVDD1 = AVDD2 = 3.3 V, DVDD = CLKVDD = ADVDD = ACVDD = 2.5 V, IOUT-FS = 20 mA, internal reference,
TMIN to TMAX, unless otherwise specified.
Table 4.
Parameter
Min
Typ
Max
Unit
LVDS DATA BUS
Data Synchronization Enabled (Default)
DDR DCLK_OUT± Propagation Delay (tDCPD-DDR)
2000
ps
DDR DB[15:0]± Setup Time (tDSU-DDR)
−100
ps
DDR DB[15:0]± Hold Time (tDH-DDR)
500
ps
SDR DCLK_OUT± Propagation Delay (tDCPD-SDR)
300
ps
SDR DB[15:0]± Setup Time (tDSU-SDR)
−100
ps
SDR DB[15:0]± Hold Time (tDH-SDR)
500
ps
Data Synchronization Bypassed
DB[15:0]± Setup Time (tDSU-BYPASS)
800
ps
DB[15:0]± Hold Time (tDH-BYPASS)
50
ps
CLK± to IOUT Propagation Delay (tPD-BYPASS)
0.85
ns
DB[15:0]± to IOUT Pipeline Delay (tPIPE-BYPASS)
4
DAC clock cycles


Similar Part No. - AD9726_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726-EBZ AD-AD9726-EBZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSV AD-AD9726BSV Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZRL AD-AD9726BSVZRL Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results

Similar Description - AD9726_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com