Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9731 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9731
Description  10-Bit, 170 MSPS D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9731_15 Datasheet HTML 4Page - Analog Devices AD9731_15 Datasheet HTML 5Page - Analog Devices AD9731_15 Datasheet HTML 6Page - Analog Devices AD9731_15 Datasheet HTML 7Page - Analog Devices AD9731_15 Datasheet HTML 8Page - Analog Devices AD9731_15 Datasheet HTML 9Page - Analog Devices AD9731_15 Datasheet HTML 10Page - Analog Devices AD9731_15 Datasheet HTML 11Page - Analog Devices AD9731_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
AD9731
–9–
THEORY AND APPLICATIONS
The AD9731 high speed digital-to-analog converter utilizes
most significant bit decoding and segmentation techniques to
reduce glitch impulse and deliver high dynamic performance
on lower power consumption than previous bipolar DAC
technologies.
The design is based on four main subsections: the decoder/
driver circuits, the edge-triggered data register, the switch net-
work, and the control amplifier. An internal band gap reference
is included to allow operation of the device with minimum
external support components.
Digital Inputs/Timing
The AD9731 has TTL/high speed CMOS-compatible single-ended
inputs for data inputs and clock. The switching threshold is 1.5 V.
In the decoder/driver section, the three MSBs are decoded to
seven “thermometer code” lines. An equalizing delay is included
for the seven least significant bits and the clock signals. This
delay minimizes data skew and data setup and hold times at the
register inputs.
The on-board register is rising edge triggered and should be
used to synchronize data to the current switches by applying a
pulse with proper data setup and hold times as shown in the
timing diagram. Although the AD9731 is designed to provide
isolation of the digital inputs to the analog output, some cou-
pling of digital transitions is inevitable. Digital feedthrough can
be minimized by forming a low pass filter at the digital input by
using a resistor in series with the capacitance of each digital
input. This common high speed DAC application technique has
the effect of isolating digital input noise from the analog output.
Input Clock and Data Timing Relationship
SINAD in a DAC is dependent on the relationship between the
position of the clock edges and the point in time at which the
input data changes. The AD9731 is rising edge triggered, and so
exhibits SINAD sensitivity when the data transition is close to
this edge. In general, the goal when applying the AD9731 is to
make the data transition close to the falling clock edge. This
becomes more important as the sample rate increases. Figure 2
shows the relationship of SINAD to clock placement from the
AD9731 and a competitive part, both sampling at 125 MSPS.
The AD9731 has excellent performance as far as the narrowness
of the “window” in which it is sensitive to SINAD.
TIME OF DATA PLACEMENT RELATIVE TO
RISING EDGE OF CLOCK – ns
60
–4
50
40
30
20
10
0
–3
–2
–1
0
1
2
3
4
COMPETITION
AD9731
Figure 2. SINAD vs. Clock Placement; fCLK = 125 MSPS,
fOUT = 20 MHz
References
The internal band gap reference, control amplifier, and refer-
ence input are pinned out to provide maximum user flexibility
in configuring the reference circuitry for the AD9731. When
using the internal reference, REF OUT (Pin 25) should be con-
nected to CONTROL AMP IN (Pin 26). CONTROL AMP OUT
(Pin 24) should be connected to REF IN (Pin 23). A 0.1
mF
ceramic capacitor connected from Pin 23 to Analog –VS (Pin 22)
improves settling time by decoupling switching noise from the
current sink baseline. A reference current cell provides feedback
to the control amplifier by sinking current through RSET (Pin 17).
Full-scale current is determined by CONTROL AMP IN and
RSET according to the following equation:
IOUT (FS) = 32(CONTROL AMP IN/RSET)
The internal reference is nominally –1.25 V with a tolerance of
±8% and typical drift over temperature of 100 ppm/∞C. If
greater accuracy or temperature stability is required, an external
reference can be used. The AD589 reference features 10 ppm/
∞C
drift over the 0
∞C to 70∞C temperature range.
Two modes of multiplying operation are possible with the
AD9731. Signals with bandwidths up to 2.5 MHz and input
swings from –0.6 V to –1.2 V can be applied to the CONTROL
AMP IN pin as shown in Figure 3. Because the control ampli-
fier is internally compensated, the 0.1
mF capacitor discussed
above can be reduced to maximize the multiplying bandwidth.
However, it should be noted that output settling time, for
changes in the digital word, will be degraded.
RSET
–0.6 TO –1.2V
2.5MHz TYPICAL
RT
0.1 F
RSET
CONTROL
AMP IN
CONTROL
AMP OUT
REFERENCE IN
AD9731
ANALOG –VS
Figure 3. Low Frequency Multiplying Circuit


Similar Part No. - AD9731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731_17 Datasheet
91Kb / 5P
   10-Bit, 170 MSPS, DAC
More results

Similar Description - AD9731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9430 AD-AD9430 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
AD9211 AD-AD9211 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com