Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9732 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9732
Description  10-Bit, 200 MSPS D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9732 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9732_15 Datasheet HTML 3Page - Analog Devices AD9732_15 Datasheet HTML 4Page - Analog Devices AD9732_15 Datasheet HTML 5Page - Analog Devices AD9732_15 Datasheet HTML 6Page - Analog Devices AD9732_15 Datasheet HTML 7Page - Analog Devices AD9732_15 Datasheet HTML 8Page - Analog Devices AD9732_15 Datasheet HTML 9Page - Analog Devices AD9732_15 Datasheet HTML 10Page - Analog Devices AD9732_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD9732
–7–
REV. A
0.4
–0.6
–0.4
–0.2
0
0.2
0.6
Figure 8. Typical Integral Nonlinearity Performance (INL)
0
–60
–100
START 0Hz
STOP 62.5MHz
6.25MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 125MHz
AOUT = 2MHz
SPAN = 62.5MHz
SFDR = 66dB
1
1
Figure 9. Wideband SFDR 2 MHz AOUT; 125 MHz Clock
0
–60
–100
START 0Hz
STOP 62.5MHz
6.25MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 125MHz
AOUT = 10MHz
SPAN = 62.5MHz
SFDR = 63dB
1
1
Figure 10. Wideband SFDR 10 MHz AOUT; 125 MHz Clock
0
–60
–100
START 0Hz
STOP 62.5MHz
6.25MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 125MHz
AOUT = 20MHz
SPAN = 62.5MHz
SFDR = 57dB
1
1
Figure 11. Wideband SFDR 20 MHz AOUT; 125 MHz Clock
0
–60
–100
START 0Hz
STOP 62.5MHz
6.25MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 125MHz
AOUT = 40MHz
SPAN = 62.5MHz
SFDR = 52dB
1
1
Figure 12. Wideband SFDR 40 MHz AOUT; 125 MHz Clock
0
–60
–100
START 0Hz
STOP 100MHz
10MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 200MHz
AOUT = 40MHz
SPAN = 100MHz
SFDR = 54dB
1
1
Figure 13. Wideband SFDR 40 MHz AOUT; 200 MHz Clock


Similar Part No. - AD9732_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9732/PCB AD-AD9732/PCB Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
AD9732BRS AD-AD9732BRS Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results

Similar Description - AD9732_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. D
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9211 AD-AD9211 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com