Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS163D Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCTS163D
Description  Radiation Hardened Synchronous Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS163D Datasheet(HTML) 5 Page - Intersil Corporation

  HCTS163D Datasheet HTML 1Page - Intersil Corporation HCTS163D Datasheet HTML 2Page - Intersil Corporation HCTS163D Datasheet HTML 3Page - Intersil Corporation HCTS163D Datasheet HTML 4Page - Intersil Corporation HCTS163D Datasheet HTML 5Page - Intersil Corporation HCTS163D Datasheet HTML 6Page - Intersil Corporation HCTS163D Datasheet HTML 7Page - Intersil Corporation HCTS163D Datasheet HTML 8Page - Intersil Corporation HCTS163D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
574
Specifications HCTS163MS
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = VCC/2,
VIL = 0.8V , IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = VCC/2,
VIL = 0.8V , IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
(Note 3)
+25oC
---
CP to Qn
TPHL
TPLH
VCC = 4.5V
+25oC
2
29
ns
CP to TC
TPLH
TPLH
VCC = 4.5V
+25oC
2
33
ns
MR to Qn, TC
TPHL
VCC = 4.5V
+25oC
2
75
ns
TE to TC
TPHL
VCC = 4.5V
+25oC
2
29
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Spec Number
518600


Similar Part No. - HCTS163D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160D INTERSIL-HCTS160D Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160DMSR INTERSIL-HCTS160DMSR Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160DTR INTERSIL-HCTS160DTR Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
HCTS160HMSR INTERSIL-HCTS160HMSR Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160K INTERSIL-HCTS160K Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
More results

Similar Description - HCTS163D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
logo
Renesas Technology Corp
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Intersil Corporation
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
logo
Intersil Corporation
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
   Radiation Hardened Synchronous Presettable Counter
September 1995
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
   Radiation Hardened 4-Bit Synchronous Counter
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com