Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9748 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9748
Description  8-Bit, 210 MSPS TxDAC D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9748 Datasheet(HTML) 4 Page - Analog Devices

  AD9748_15 Datasheet HTML 1Page - Analog Devices AD9748_15 Datasheet HTML 2Page - Analog Devices AD9748_15 Datasheet HTML 3Page - Analog Devices AD9748_15 Datasheet HTML 4Page - Analog Devices AD9748_15 Datasheet HTML 5Page - Analog Devices AD9748_15 Datasheet HTML 6Page - Analog Devices AD9748_15 Datasheet HTML 7Page - Analog Devices AD9748_15 Datasheet HTML 8Page - Analog Devices AD9748_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9748
Data Sheet
Rev. B | Page 4 of 24
DYNAMIC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly
terminated, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
210
MSPS
Output Settling Time (tST) (to 0.1%)1
11
ns
Output Propagation Delay (tPD)
1
ns
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)1
2.5
ns
Output Fall Time (10% to 90%)1
2.5
ns
Output Noise (IOUTFS = 20 mA)2
50
pA/√Hz
Output Noise (IOUTFS = 2 mA)2
30
pA/√Hz
AC LINEARITY
Signal-to-Noise and Distortion Ratio
fCLOCK = 50 MSPS; fOUT = 5 MHz
50
dB
fCLOCK = 50 MSPS; fOUT = 19 MHz
48
dB
fCLOCK = 100 MSPS; fOUT = 5 MHz
50
dB
fCLOCK = 100 MSPS; fOUT = 39 MHz
46
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz
50
dB
fCLOCK = 165 MSPS; fOUT = 49 MHz
47
dB
fCLOCK = 210 MSPS; fOUT = 9 MHz
50
dB
fCLOCK = 210 MSPS; fOUT = 68 MHz
46
dB
Total Harmonic Distortion
fCLOCK = 25 MSPS; fOUT = 1 MHz
−72
−61
dBc
fCLOCK = 50 MSPS; fOUT = 12.5 MHz
−65
dBc
fCLOCK = 100 MSPS; fOUT = 25 MHz
−60
dBc
fCLOCK = 165 MSPS; fOUT = 41.3 MHz
−58
dBc
fCLOCK = 210 MSPS; fOUT = 68 MHz
−65
dBc
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 25 MSPS; fOUT = 1 MHz
0 dBFS Output
61
72
dBc
fCLOCK = 65 MSPS; fOUT = 5 MHz
69
dBc
fCLOCK = 65 MSPS; fOUT = 19 MHz
65
dBc
fCLOCK = 100 MSPS; fOUT = 5 MHz
68
dBc
fCLOCK = 100 MSPS; fOUT = 39 MHz
62
dBc
fCLOCK = 165 MSPS; fOUT = 5 MHz
68
dBc
fCLOCK = 165 MSPS; fOUT = 49 MHz
54
dBc
fCLOCK = 210 MSPS; fOUT = 5 MHz
67
dBc
fCLOCK = 210 MSPS; fOUT = 68 MHz
60
dBc
1
Measured single-ended into 50 Ω load.
2
Output noise is measured with a full-scale output set to 20 mA with no conversion activity. It is a measure of the thermal noise only.


Similar Part No. - AD9748_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9748XCP AD-AD9748XCP Datasheet
221Kb / 7P
   8-Bit, 165 MSPS TxDAC D/A Converter
REV. PrA
More results

Similar Description - AD9748_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748 Datasheet
221Kb / 7P
   8-Bit, 165 MSPS TxDAC D/A Converter
REV. PrA
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARZ AD-AD9708ARZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9709 AD-AD9709 Datasheet
466Kb / 27P
   8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com