Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9748 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9748
Description  8-Bit, 210 MSPS TxDAC D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9748 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9748_15 Datasheet HTML 6Page - Analog Devices AD9748_15 Datasheet HTML 7Page - Analog Devices AD9748_15 Datasheet HTML 8Page - Analog Devices AD9748_15 Datasheet HTML 9Page - Analog Devices AD9748_15 Datasheet HTML 10Page - Analog Devices AD9748_15 Datasheet HTML 11Page - Analog Devices AD9748_15 Datasheet HTML 12Page - Analog Devices AD9748_15 Datasheet HTML 13Page - Analog Devices AD9748_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9748
Data Sheet
Rev. B | Page 10 of 24
FREQUENCY (MHz)
0
–30
–20
–10
–50
–40
–90
–80
–70
–60
–100
0
10
20
30
40
50
60
fCLOCK = 125MSPS
fOUT = 27MHz
SFDR = 56.2dBc
AMPLITUDE = 0dBFS
Figure 11. Single-Tone Spectral Plot @ 125 MSPS (Single-Ended Output)
FREQUENCY (MHz)
0
–30
–20
–10
–50
–40
–90
–80
–70
–60
–100
0
10
20
30
40
70
60
50
80
fCLOCK = 165MSPS
fOUT = 49MHz
SFDR = 50.1dBc
AMPLITUDE = 0dBFS
Figure 12. Single-Tone Spectral Plot @ 165 MSPS (Single-Ended Output)
5ns/DIV
Figure 13. Step Response (Single-Ended Output)
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
10.5
105
fCLOCK = 210MSPS
fOUT = 68MHz
SFDR = 50dBc
AMPLITUDE = 0dBFS
Figure 14. Single-Tone Spectral Plot @ 210 MSPS (Single-Ended Output)
1.2V REF
3.3V
RSET
RLOAD
50
VDIFF = VOUTA = VOUTB
RLOAD
50
0.1
µF
CLK+
SLEEP
REFIO
FS ADJ
DVDD
DCOM
DIGITAL DATA INPUTS (DB7–DB0)
150pF
3.3V
AVDD
ACOM
AD9748
CURRENT
SOURCE
ARRAY
IOUTA
IOUTB
MODE
LSB
SWITCHES
SEGMENTED
SWITCHES
3.3V
CLKVDD
CLKCOM
CLK–
CMODE
LATCHES
Figure 15. Simplified Block Diagram


Similar Part No. - AD9748_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9748XCP AD-AD9748XCP Datasheet
221Kb / 7P
   8-Bit, 165 MSPS TxDAC D/A Converter
REV. PrA
More results

Similar Description - AD9748_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748 Datasheet
221Kb / 7P
   8-Bit, 165 MSPS TxDAC D/A Converter
REV. PrA
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARZ AD-AD9708ARZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9709 AD-AD9709 Datasheet
466Kb / 27P
   8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com