Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9752 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9752
Description  12-Bit, 125 MSPS High Performance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9752 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9752_15 Datasheet HTML 3Page - Analog Devices AD9752_15 Datasheet HTML 4Page - Analog Devices AD9752_15 Datasheet HTML 5Page - Analog Devices AD9752_15 Datasheet HTML 6Page - Analog Devices AD9752_15 Datasheet HTML 7Page - Analog Devices AD9752_15 Datasheet HTML 8Page - Analog Devices AD9752_15 Datasheet HTML 9Page - Analog Devices AD9752_15 Datasheet HTML 10Page - Analog Devices AD9752_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
REV. 0
AD9752
–7–
Typical AC Characterization Curves @ +5 V Supplies
(AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = +25 C, SFDR up to Nyquist, unless otherwise noted)
fOUT – MHz
90
80
40
0
1
100
10
70
60
50
25MSPS
50MSPS
125MSPS
65MSPS
Figure 3. SFDR vs. fOUT @ 0 dBFS
fOUT – MHz
90
80
40
0
530
20
70
60
50
10
15
25
–12dBFS
–6dBFS
0dBFS
Figure 6. SFDR vs. fOUT @ 65 MSPS
AOUT – dBFS
90
70
–30
–25
0
–10
80
–20
–15
–5
40
60
50
2.27MHz@25MSPS
4.55MHz@50MSPS
5.91MHz@65MSPS
11.36MHz@125MSPS
Figure 9. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
90
80
40
0
214
12
70
60
50
46
8
10
–12dBFS
0dBFS
–6dBFS
fOUT – MHz
Figure 4. SFDR vs. fOUT @ 25 MSPS
90
80
40
0
10
60
40
70
60
50
20
30
50
–6dBFS
0dBFS
–12dBFS
fOUT – MHz
Figure 7. SFDR vs. fOUT @ 125 MSPS
AOUT – dBFS
90
70
–30
–25
0
–10
80
–20
–15
–5
40
60
50
5MHz@25MSPS
10MHz@50MSPS
13MHz@65MSPS
25MHz@125MSPS
Figure 10. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
fOUT – MHz
90
80
40
05
25
10
70
60
50
15
20
–12dBFS
–6dBFS
0dBFS
Figure 5. SFDR vs. fOUT @ 50 MSPS
fOUT – MHz
90
0
212
8
80
70
46
10
50
60
10mA FS
20mA FS
5mA FS
Figure 8. SFDR vs. fOUT and IOUTFS
@ 25 MSPS and 0 dBFS
fCLOCK – MSPS
0
20
120
80
80
40
60
100
60
70
50
20mA FS
10mA FS
5mA FS
Figure 11. SNR vs. fCLOCK and IOUTFS
@ fOUT = 2 MHz and 0 dBFS


Similar Part No. - AD9752_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9752-EB AD-AD9752-EB Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752-EB AD-AD9752-EB Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752AR AD-AD9752AR Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752AR AD-AD9752AR Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARU AD-AD9752ARU Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9752_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
   10-Bit, 125 MSPS High Performance
REV. 0
AD9762 AD-AD9762_15 Datasheet
427Kb / 23P
   12-Bit, 125 MSPS
REV. B
AD9754 AD-AD9754_15 Datasheet
326Kb / 24P
   14-Bit, 125 MSPS High Performance
REV. A
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS
REV. 0
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com