Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9755 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9755
Description  14-Bit, 300 MSPS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9755 Datasheet(HTML) 3 Page - Analog Devices

  AD9755_15 Datasheet HTML 1Page - Analog Devices AD9755_15 Datasheet HTML 2Page - Analog Devices AD9755_15 Datasheet HTML 3Page - Analog Devices AD9755_15 Datasheet HTML 4Page - Analog Devices AD9755_15 Datasheet HTML 5Page - Analog Devices AD9755_15 Datasheet HTML 6Page - Analog Devices AD9755_15 Datasheet HTML 7Page - Analog Devices AD9755_15 Datasheet HTML 8Page - Analog Devices AD9755_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. B
–3–
AD9755
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fDAC)
300
MSPS
Output Settling Time (tST) (to 0.1%)
1
11
ns
Output Propagation Delay (tPD)
1
1ns
Glitch Impulse
1
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
ns
Output Fall Time (90% to 10%)
1
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
pA/
√Hz
Output Noise (IOUTFS = 2 mA)
30
pA/
√Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fDAC = 100 MSPS; fOUT = 1.00 MHz
0 dBFS Output
74
84
dBc
–6 dBFS Output
77
dBc
–12 dBFS Output
79
dBc
fDATA = 65 MSPS; fOUT = 1.1 MHz
2
79
dBc
fDATA = 65 MSPS; fOUT = 5.1 MHz
2
79
dBc
fDATA = 65 MSPS; fOUT = 10.1 MHz
2
78
dBc
fDATA = 65 MSPS; fOUT = 20.1 MHz
2
74
dBc
fDATA = 65 MSPS; fOUT = 30.1 MHz
2
70
dBc
fDAC = 160 MSPS; fOUT = 1.1 MHz
80
dBc
fDAC = 160 MSPS; fOUT = 11.1 MHz
77
dBc
fDAC = 160 MSPS; fOUT = 31.1 MHz
72
dBc
fDAC = 160 MSPS; fOUT = 51.1 MHz
72
dBc
fDAC = 160 MSPS; fOUT = 71.1 MHz
69
dBc
fDAC = 300 MSPS; fOUT = 1.1 MHz
80
dBc
fDAC = 300 MSPS; fOUT = 26.1 MHz
71
dBc
fDAC = 300 MSPS; fOUT = 51.1 MHz
67
dBc
fDAC = 300 MSPS; fOUT = 101.1 MHz
61
dBc
fDAC = 300 MSPS; fOUT = 141.1 MHz
60
dBc
Spurious-Free Dynamic Range within a Window
fDAC = 100 MSPS; fOUT = 1 MHz; 2 MHz Span
0 dBFS Output
83.5
93
dBc
fDAC = 65 MSPS; fOUT = 5.02 MHz; 2 MHz Span
85
dBc
fDAC = 150 MSPS; fOUT = 5.04 MHz; 4 MHz Span
85
dBc
Total Harmonic Distortion
fDAC = 100 MSPS; fOUT = 1.00 MHz
TA = 25
°C
–83
–73
dBc
TMIN to TMAX
–83
–71
dBc
fDAC = 65 MHz; fOUT = 2.00 MHz
–78
dBc
fDAC = 160 MHz; fOUT = 2.00 MHz
–78
dBc
Multitone Power Ratio (Eight Tones at 110 kHz Spacing)
fDAC = 65 MSPS; fOUT = 2.00 MHz to 2.77 MHz
0 dBFS Output
75
dBc
–6 dBFS Output
73
dBc
–12 dBFS Output
70
dBc
NOTES
1Measured single-ended into 50
Ω load.
2Single Port Mode (PLL disabled, DIV0 = 1, DIV1 = 0, data on Port 1).
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 0 V, CLKVDD = 3.3 V, IOUTFS = 20 mA,
Differential Transformer-Coupled Output, 50
Doubly Terminated, unless otherwise noted.)


Similar Part No. - AD9755_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9755-EB AD-AD9755-EB Datasheet
532Kb / 28P
   14-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9755AST AD-AD9755AST Datasheet
904Kb / 26P
   12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV. 0
AD9755AST AD-AD9755AST Datasheet
532Kb / 28P
   14-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9755ASTRL AD-AD9755ASTRL Datasheet
532Kb / 28P
   14-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
More results

Similar Description - AD9755_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9753 AD-AD9753_15 Datasheet
820Kb / 28P
   12-Bit, 300 MSPS
REV. B
AD9751 AD-AD9751_15 Datasheet
633Kb / 28P
   10-Bit, 300 MSPS
REV. C
AD9243 AD-AD9243_17 Datasheet
431Kb / 25P
   Complete 14-Bit, 3.0 MSPS Complete 14-Bit, 3.0 MSPS
AD9755 AD-AD9755 Datasheet
532Kb / 28P
   14-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9764 AD-AD9764_15 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS
REV. B
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com