Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9760 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9760
Description  10-Bit, 125 MSPS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9760 Datasheet(HTML) 1 Page - Analog Devices

  AD9760_15 Datasheet HTML 1Page - Analog Devices AD9760_15 Datasheet HTML 2Page - Analog Devices AD9760_15 Datasheet HTML 3Page - Analog Devices AD9760_15 Datasheet HTML 4Page - Analog Devices AD9760_15 Datasheet HTML 5Page - Analog Devices AD9760_15 Datasheet HTML 6Page - Analog Devices AD9760_15 Datasheet HTML 7Page - Analog Devices AD9760_15 Datasheet HTML 8Page - Analog Devices AD9760_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9760
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
10-Bit, 125 MSPS
TxDAC® D/A Converter
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Member of Pin-Compatible TxDAC Product Family
125 MSPS Update Rate
10-Bit Resolution
Excellent Spurious Free Dynamic Range Performance
SFDR to Nyquist @ 40 MHz Output: 52 dBc
Differential Current Outputs: 2 mA to 20 mA
Power Dissipation: 175 mW @ 5 V to 45 mW @ 3 V
Power-Down Mode: 25 mW @ 5 V
On-Chip 1.20 V Reference
Single +5 V or +3 V Supply Operation
Packages: 28-Lead SOIC and TSSOP
Edge-Triggered Latches
APPLICATIONS
Communication Transmit Channel:
Basestations
Set Top Boxes
Digital Radio Link
Direct Digital Synthesis (DDS)
Instrumentation
PRODUCT DESCRIPTION
The AD9760 and AD9760-50 are the 10-bit resolution members
of the TxDAC series of high performance, low power CMOS
digital-to-analog converters (DACs). The AD9760-50 is a lower
performance option that is guaranteed and specified for 50 MSPS
operation. The TxDAC family that consists of pin compatible 8-,
10-, 12- and 14-bit DACs is specifically optimized for the trans-
mit signal path of communication systems. All of the devices
share the same interface options, small outline package and
pinout, thus providing an upward or downward component
selection path based on performance, resolution and cost. Both
the AD9760 and AD9760-50 offer exceptional ac and dc
performance while supporting update rates up to 125 MSPS
and 60 MSPS respectively.
The AD9760’s flexible single-supply operating range of 2.7 V to
5.5 V and low power dissipation are well suited for portable and
low power applications. Its power dissipation can be further
reduced to a mere 45 mW without a significant degradation in
performance by lowering the full-scale current output. Also, a
power-down mode reduces the standby power dissipation to
approximately 25 mW.
The AD9760 is manufactured on an advanced CMOS process. A
segmented current source architecture is combined with a propri-
etary switching technique to reduce spurious components and
enhance dynamic performance. Edge-triggered input latches and a
1.2 V temperature compensated bandgap reference have been inte-
grated to provide a complete monolithic DAC solution. Flexible
supply options support +3 V and +5 V CMOS logic families.
TxDAC is a registered trademark of Analog Devices, Inc.
The AD9760 is a current-output DAC with a nominal full-scale
output current of 20 mA and > 100 k
Ω output impedance.
Differential current outputs are provided to support single-
ended or differential applications. Matching between the two
current outputs ensures enhanced dynamic performance in a
differential output configuration. The current outputs may be
tied directly to an output resistor to provide two complemen-
tary, single-ended voltage outputs or fed directly into a trans-
former. The output voltage compliance range is 1.25 V.
The on-chip reference and control amplifier are configured for
maximum accuracy and flexibility. The AD9760 can be driven
by the on-chip reference or by a variety of external reference
voltages. The internal control amplifier that provides a wide
(>10:1) adjustment span allows the AD9760 full-scale current
to be adjusted over a 2 mA to 20 mA range while maintaining
excellent dynamic performance. Thus, the AD9760 may oper-
ate at reduced power levels or be adjusted over a 20 dB range to
provide additional gain ranging capabilities.
The AD9760 is available in a 28-lead SOIC and TSSOP packages.
It is specified for operation over the industrial temperature range.
PRODUCT HIGHLIGHTS
1. The AD9760 is a member of the TxDAC product family that
provides an upward or downward component selection path
based on resolution (8 to 14 bits), performance and cost.
2. Manufactured on a CMOS process, the AD9760 uses a pro-
prietary switching technique that enhances dynamic perfor-
mance beyond what was previously attainable by higher
power/cost bipolar or BiCMOS devices.
3. On-chip, edge-triggered input CMOS latches interface readily
to +3 V and +5 V CMOS logic families. The AD9760 can
support update rates up to 125 MSPS.
4. A flexible single-supply operating range of 2.7 V to 5.5 V and
a wide full-scale current adjustment span of 2 mA to 20 mA
allow the AD9760 to operate at reduced power levels.
5. The current output(s) of the AD9760 can be easily config-
ured for various single-ended or differential circuit topologies.
50pF
COMP1
+1.20V REF
AVDD
ACOM
REFLO
COMP2
CURRENT
SOURCE
ARRAY
0.1 F
+5V
SEGMENTED
SWITCHES
LSB
SWITCHES
REFIO
FS ADJ
DVDD
DCOM
CLOCK
+5V
RSET
0.1 F
CLOCK
IOUTA
IOUTB
0.1 F
LATCHES
AD9760
SLEEP
DIGITAL DATA INPUTS (DB9–DB0)


Similar Part No. - AD9760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9760-EB AD-AD9760-EB Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760AR AD-AD9760AR Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760AR50 AD-AD9760AR50 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARU AD-AD9760ARU Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results

Similar Description - AD9760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
   10-Bit, 125 MSPS High Performance
REV. 0
logo
Renesas Technology Corp
HI3197 RENESAS-HI3197 Datasheet
231Kb / 25P
   10-Bit, 125 MSPS D/A Converter
October 1998
logo
Intersil Corporation
HI3197 INTERSIL-HI3197 Datasheet
284Kb / 25P
   10-Bit, 125 MSPS D/A Converter
October 1998
logo
Analog Devices
AD9762 AD-AD9762_15 Datasheet
427Kb / 23P
   12-Bit, 125 MSPS
REV. B
AD9764 AD-AD9764_15 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS
REV. B
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Analog Devices
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com