Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS373DTR Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCTS373DTR
Description  Radiation Hardened Octal Transparent Latch, Three-State
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS373DTR Datasheet(HTML) 3 Page - Intersil Corporation

  HCTS373DTR Datasheet HTML 1Page - Intersil Corporation HCTS373DTR Datasheet HTML 2Page - Intersil Corporation HCTS373DTR Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
(2743
µm x 2692µm x 533µm ±51µm)
108 x 106 x 21mils
±2mil
METALLIZATION:
Type: Al Si
Thickness: 11k
Å
±1kÅ
SUBSTRATE POTENTIAL:
Unbiased (Silicon on Sapphire)
BACKSIDE FINISH:
Sapphire
PASSIVATION:
Type: Silox (SiO2)
Thickness: 13k
Å
±2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0e5 A/cm2
TRANSISTOR COUNT:
376
PROCESS:
CMOS SOS
Metallization Mask Layout
HCTS373T
OE
(1)
Q7
(19)
VCC
(20)
Q0
(2)
D1 (4)
D0
(3)
Q1 (5)
Q2 (6)
D2 (7)
(8)
(9)
(10)
(11)
(12)
(13)
D3
Q3
GND
LE
Q4
D4
(14) D5
(15) Q5
(16) Q6
(17) D6
(18) D7
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask
series for the HCTS373 is TA14403A.
HCTS373T


Similar Part No. - HCTS373DTR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS373D INTERSIL-HCTS373D Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Renesas Technology Corp
HCTS373D RENESAS-HCTS373D Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Intersil Corporation
HCTS373DMSR INTERSIL-HCTS373DMSR Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Renesas Technology Corp
HCTS373DMSR RENESAS-HCTS373DMSR Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
More results

Similar Description - HCTS373DTR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com