Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS390D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS390D
Description  Radiation Hardened Dual Decade Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS390D Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS390D Datasheet HTML 1Page - Intersil Corporation HCTS390D Datasheet HTML 2Page - Intersil Corporation HCTS390D Datasheet HTML 3Page - Intersil Corporation HCTS390D Datasheet HTML 4Page - Intersil Corporation HCTS390D Datasheet HTML 5Page - Intersil Corporation HCTS390D Datasheet HTML 6Page - Intersil Corporation HCTS390D Datasheet HTML 7Page - Intersil Corporation HCTS390D Datasheet HTML 8Page - Intersil Corporation HCTS390D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
662
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCTS390MS
Radiation Hardened
Dual Decade Ripple Counter
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CP0N 1
MR 1
Q0 1
CP1N 1
Q1 1
Q2 1
GND
Q3 1
VCC
MR 2
Q0 2
CP1N 2
Q1 2
Q2 2
Q3 2
CP0N 2
CP0N 1
MR 1
Q0 1
CP1N 1
Q1 1
Q2 1
Q3 1
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
CP0N 2
MR 2
Q0 2
CP1N 2
Q1 2
Q2 2
Q3 2
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = 2.0V Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS390MS is a Radiation Hardened dual
decade ripple counter.
The HCTS390MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family .
The HCTS390MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518634
File Number
2476.2
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS390DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCTS390KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCTS390D/Sample
+25oC
Sample
16 Lead SBDIP
HCTS390K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCTS390HMSR
+25oC
Die
Die


Similar Part No. - HCTS390D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS393D INTERSIL-HCTS393D Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393D RENESAS-HCTS393D Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393DMSR INTERSIL-HCTS393DMSR Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393DMSR RENESAS-HCTS393DMSR Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS393HMSR INTERSIL-HCTS393HMSR Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results

Similar Description - HCTS390D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
   Dual decade ripple counter
December 1990
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Renesas Technology Corp
HCS160MS RENESAS-HCS160MS Datasheet
337Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
   Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCTS93MS INTERSIL-HCTS93MS Datasheet
168Kb / 9P
   Radiation Hardened 4-Bit Binary Ripple Counter
August 1995
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Decade Ripple Counter
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com