Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS540D Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCTS540D
Description  Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS540D Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HCTS540D Datasheet HTML 2Page - Intersil Corporation HCTS540D Datasheet HTML 3Page - Intersil Corporation HCTS540D Datasheet HTML 4Page - Intersil Corporation HCTS540D Datasheet HTML 5Page - Intersil Corporation HCTS540D Datasheet HTML 6Page - Intersil Corporation HCTS540D Datasheet HTML 7Page - Intersil Corporation HCTS540D Datasheet HTML 8Page - Intersil Corporation HCTS540D Datasheet HTML 9Page - Intersil Corporation HCTS540D Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
HCTS540MS
Intersil Space Level Product Flow - ‘MS’
Wafer Lot Acceptance (All Lots) Method 5007
(Includes SEM)
GAMMA Radiation Verification (Each Wafer) Method 1019,
4 Samples/Wafer, 0 Rejects
100% Nondestructive Bond Pull, Method 2023
Sample - Wire Bond Pull Monitor, Method 2011
Sample - Die Shear Monitor, Method 2019 or 2027
100% Internal Visual Inspection, Method 2010, Condition A
100% Temperature Cycle, Method 1010, Condition C,
10 Cycles
100% Constant Acceleration, Method 2001, Condition per
Method 5004
100% PIND, Method 2020, Condition A
100% External Visual
100% Serialization
100% Initial Electrical Test (T0)
100% Static Burn-In 1, Condition A or B, 24 hrs. min.,
+125oC min., Method 1015
100% Interim Electrical Test 1 (T1)
100% Delta Calculation (T0-T1)
100% Static Burn-In 2, Condition A or B, 24 hrs. min.,
+125oC min., Method 1015
100% Interim Electrical Test 2 (T2)
100% Delta Calculation (T0-T2)
100% PDA 1, Method 5004 (Notes 1and 2)
100% Dynamic Burn-In, Condition D, 240 hrs., +125oC or
Equivalent, Method 1015
100% Interim Electrical Test 3 (T3)
100% Delta Calculation (T0-T3)
100% PDA 2, Method 5004 (Note 2)
100% Final Electrical Test
100% Fine/Gross Leak, Method 1014
100% Radiographic, Method 2012 (Note 3)
100% External Visual, Method 2009
Sample - Group A, Method 5005 (Note 4)
100% Data Package Generation (Note 5)
NOTES:
1. Failures from Interim electrical test 1 and 2 are combined for determining PDA 1.
2. Failures from subgroup 1, 7, 9 and deltas are used for calculating PDA. The maximum allowable PDA = 5% with no more than 3% of the
failures from subgroup 7.
3. Radiographic (X-Ray) inspection may be performed at any point after serialization as allowed by Method 5004.
4. Alternate Group A testing may be performed as allowed by MIL-STD-883, Method 5005.
5. Data Package Contents:
• Cover Sheet (Intersil Name and/or Logo, P.O. Number, Customer Part Number, Lot Date Code, Intersil Part Number, Lot Number,
Quantity).
• Wafer Lot Acceptance Report (Method 5007). Includes reproductions of SEM photos with percent of step coverage.
• GAMMA Radiation Report. Contains Cover page, disposition, Rad Dose, Lot Number, Test Package used, Specification Numbers, Test
equipment, etc. Radiation Read and Record data on file at Intersil.
• X-Ray report and film. Includes penetrometer measurements.
• Screening, Electrical, and Group A attributes (Screening attributes begin after package seal).
• Lot Serial Number Sheet (Good units serial number and lot number).
• Variables Data (All Delta operations). Data is identified by serial number. Data header includes lot number and date of test.
• The Certificate of Conformance is a part of the shipping invoice and is not part of the Data Book. The Certificate of Conformance is signed
by an authorized Quality Representative.
Spec Number
518631


Similar Part No. - HCTS540D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS540D RENESAS-HCTS540D Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS540DMSR RENESAS-HCTS540DMSR Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
More results

Similar Description - HCTS540D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
   Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
   Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Intersil Corporation
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACTS240T INTERSIL-ACTS240T Datasheet
50Kb / 3P
   High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com