Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9761 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 2 Page - Analog Devices

  AD9761_15 Datasheet HTML 1Page - Analog Devices AD9761_15 Datasheet HTML 2Page - Analog Devices AD9761_15 Datasheet HTML 3Page - Analog Devices AD9761_15 Datasheet HTML 4Page - Analog Devices AD9761_15 Datasheet HTML 5Page - Analog Devices AD9761_15 Datasheet HTML 6Page - Analog Devices AD9761_15 Datasheet HTML 7Page - Analog Devices AD9761_15 Datasheet HTML 8Page - Analog Devices AD9761_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
–2–
AD9761–SPECIFICATIONS
AD9761
–3–
DC SPECIFICATIONS (T
MIN to TMax, AVDD = 5 V, DVDD = 5 V, IOUTFS = 10 mA, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
RESOLUTION
10
Bits
DC ACCURACY1
Integral Nonlinearity Error (INL)
TA = 25°C
–1.75
±0.5
+1.75
LSB
TMIN to TMAX
–2.75
±0.7
+2.75
LSB
Differential Nonlinearity (DNL)
TA = 25°C
–1
±0.4
+1.25
LSB
TMIN to TMAX
–1
±0.5
+1.75
LSB
Monotonicity (10-Bit)
Guaranteed over Rated Specification Temperature Range
ANALOG OUTPUT
Offset Error
–0.05
±0.025
+0.05
% of FSR
Offset Matching between DACs
–0.10
±0.05
+0.10
% of FSR
Gain Error (without Internal Reference)
–5.5
±1.0
+5.5
% of FSR
Gain Error (with Internal Reference)
–5.5
±1.0
+5.5
% of FSR
Gain Matching between DACs
–1.0
±0.25
+1.0
% of FSR
Full-Scale Output Current2
10
mA
Output Compliance Range
–1.0
+1.25
V
Output Resistance
100
k
Output Capacitance
5
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance
1
M
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
0
ppm/°C
Gain Drift (without Internal Reference)
±50
ppm/°C
Gain Drift (with Internal Reference)
±140
ppm/°C
Gain Matching Drift (between DACs)
±25
ppm/°C
Reference Voltage Drift
±50
ppm/°C
POWER SUPPLY
AVDD
Voltage Range
3.0
5.0
5.5
V
Analog Supply Current (IAVDD)
26
29
mA
DVDD
Voltage Range
2.7
5.0
5.5
V
Digital Supply Current at 5 V (IDVDD)4
15
18
mA
Digital Supply Current at 3 V (IDVDD)4
5
mA
Nominal Power Dissipation5
AVDD and DVDD at 3 V
93
mW
AVDD and DVDD at 5 V
200
250
mW
Power Supply Rejection Ratio (PSRR)–AVDD
–0.25
+0.25
% of FSR/V
Power Supply Rejection Ratio (PSRR)–DVDD
–0.02
+0.02
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at IOUTA and QOUTA, driving a virtual ground.
2Nominal full-scale current, IOUTFS, is 16 the IREF current.
3Use an external amplifier to drive any external load.
4Measured at fCLOCK = 40 MSPS and fOUT = 1 MHz.
5Measured as unbuffered voltage output into 50  RLOAD at IOUTA, IOUTB, QOUTA, and QOUTB; fCLOCK = 40 MSPS and fOUT = 8 MHz.
Specifications subject to change without notice.
REV. C
REV. C


Similar Part No. - AD9761_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9761-EB AD-AD9761-EB Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9761ARS AD-AD9761ARS Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
More results

Similar Description - AD9761_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9709 AD-AD9709_15 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC
REV. B
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9709 AD-AD9709 Datasheet
466Kb / 27P
   8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. 0
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com