Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9777 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9777
Description  16-Bit, 160 MSPS 2/4/8
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777 Datasheet(HTML) 4 Page - Analog Devices

  AD9777_15 Datasheet HTML 1Page - Analog Devices AD9777_15 Datasheet HTML 2Page - Analog Devices AD9777_15 Datasheet HTML 3Page - Analog Devices AD9777_15 Datasheet HTML 4Page - Analog Devices AD9777_15 Datasheet HTML 5Page - Analog Devices AD9777_15 Datasheet HTML 6Page - Analog Devices AD9777_15 Datasheet HTML 7Page - Analog Devices AD9777_15 Datasheet HTML 8Page - Analog Devices AD9777_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9777
Rev. C | Page 4 of 60
GENERAL DESCRIPTION
The AD97771 is the 16-bit member of the AD977x pin
compatible, high performance, programmable 2×/4×/8×
interpolating TxDAC+ family. The AD977x family features a
serial port interface (SPI) that provides a high level of
programmability, thus allowing for enhanced system level
options. These options include selectable 2×/4×/8× interpola-
tion filters; fS/2, fS/4, or fS/8 digital quadrature modulation with
image rejection; a direct IF mode; programmable channel gain
and offset control; programmable internal clock divider;
straight binary or twos complement data interface; and a single-
port or dual-port data interface.
The selectable 2×/4×/8× interpolation filters simplify the
requirements of the reconstruction filters while simultaneously
enhancing the TxDAC+ family’s pass-band noise/distortion
performance. The independent channel gain and offset adjust
registers allow the user to calibrate LO feedthrough and sideband
suppression errors associated with analog quadrature modulators.
The 6 dB of gain adjustment range can also be used to control the
output power level of each DAC.
The AD9777 features the ability to perform fS/2, fS/4, and fS/8
digital modulation and image rejection when combined with an
analog quadrature modulator. In this mode, the AD9777 accepts I
and Q complex data (representing a single or multicarrier wave-
form), generates a quadrature modulated IF signal along with its
orthogonal representation via its dual DACs, and presents these
two reconstructed orthogonal IF carriers to an analog quadrature
modulator to complete the image rejection upconversion process.
Another digital modulation mode (that is, the direct IF mode)
allows the original baseband signal representation to be fre-
quency translated such that pairs of images fall at multiples of
one-half the DAC update rate.
The AD977x family includes a flexible clock interface accepting
differential or single-ended sine wave or digital logic inputs. An
internal PLL clock multiplier is included and generates the
necessary on-chip high frequency clocks. It can also be disabled
to allow the use of a higher performance external clock source.
An internal programmable divider simplifies clock generation
in the converter when using an external clock source. A flexible
data input interface allows for straight binary or twos comple-
ment formats and supports single-port interleaved or dual-port
data.
Dual high performance DAC outputs provide a differential
current output programmable over a 2 mA to 20 mA range. The
AD9777 is manufactured on an advanced 0.35 micron CMOS
process, operates from a single-supply of 3.1 V to 3.5 V, and
consumes 1.2 W of power.
1 Protected by U.S. Patent Numbers, 5,568,145; 5,689,257; and 5,703,519.
Other patents pending.
Targeted at wide dynamic range, multicarrier, and
multistandard systems, the superb baseband performance of the
AD9777 is ideal for wideband CDMA, multicarrier CDMA,
multicarrier TDMA, multicarrier GSM, and high performance
systems employing high-order QAM modulation schemes. The
image rejection feature simplifies and can help to reduce the
number of signal band filters needed in a transmit signal chain.
The direct IF mode helps to eliminate a costly mixer stage for a
variety of communications systems.
PRODUCT HIGHLIGHTS
1.
The AD9777 is the 16-bit member of the AD977x pin
compatible, high performance, programmable 2×/4×/8×
interpolating TxDAC+ family.
2.
Direct IF transmission is possible for 70 MHz + IFs
through a novel digital mixing process.
3.
fS/2, fS/4, and fS/8 digital quadrature modulation and user
selectable image rejection simplify/remove cascaded SAW
filter stages.
4.
A 2×/4×/8× user selectable interpolating filter eases data
rate and output signal reconstruction filter requirements.
5.
User selectable twos complement/straight binary data
coding.
6.
User programmable channel gain control over 1 dB range
in 0.01 dB increments.
7.
User programmable channel offset control ±10% over the
FSR.
8.
Ultrahigh speed 400 MSPS DAC conversion rate.
9.
Internal clock divider provides data rate clock for easy
interfacing.
10. Flexible clock input with single-ended or differential input,
CMOS, or 1 V p-p LO sine wave input capability.
11. Low power: Complete CMOS DAC operates on 1.2 W
from a 3.1 V to 3.5 V single supply. The 20 mA full-scale
current can be reduced for lower power operation, and
several sleep functions are provided to reduce power
during idle periods.
12. On-chip voltage reference: The AD9777 includes a 1.20 V
temperature compensated band gap voltage reference.
13. An 80-lead thin quad flat package, exposed pad
(TQFP_EP).


Similar Part No. - AD9777_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9777-EB AD-AD9777-EB Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9777BSV AD-AD9777BSV Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9777BSV AD-AD9777BSV Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9777BSVRL AD-AD9777BSVRL Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
More results

Similar Description - AD9777_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773 AD-AD9773_15 Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2/4/8 Interpolating
REV. D
AD9775 AD-AD9775_15 Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2/4/8 Interpolating
Rev. E
logo
Intersil Corporation
HI20203 INTERSIL-HI20203 Datasheet
80Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
logo
Analog Devices
AD9261 AD-AD9261 Datasheet
577Kb / 29P
   16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7621 AD-AD7621_15 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com