Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9778A Datasheet(PDF) 8 Page - Analog Devices

Part # AD9778A
Description  Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9778A Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9778A_15 Datasheet HTML 4Page - Analog Devices AD9778A_15 Datasheet HTML 5Page - Analog Devices AD9778A_15 Datasheet HTML 6Page - Analog Devices AD9778A_15 Datasheet HTML 7Page - Analog Devices AD9778A_15 Datasheet HTML 8Page - Analog Devices AD9778A_15 Datasheet HTML 9Page - Analog Devices AD9778A_15 Datasheet HTML 10Page - Analog Devices AD9778A_15 Datasheet HTML 11Page - Analog Devices AD9778A_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 8 of 56
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFs = 20 mA, maximum sample rate, unless
otherwise noted.
Table 4.
AD9776A
AD9778A
AD9779A
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fDAC = 100 MSPS, fOUT = 20 MHz
82
82
82
dBc
fDAC = 200 MSPS, fOUT = 50 MHz
81
81
82
dBc
fDAC = 400 MSPS, fOUT = 70 MHz
80
80
80
dBc
fDAC = 800 MSPS, fOUT = 70 MHz
85
85
87
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 200 MSPS, fOUT = 50 MHz
87
87
91
dBc
fDAC = 400 MSPS, fOUT = 60 MHz
80
85
85
dBc
fDAC = 400 MSPS, fOUT = 80 MHz
75
81
81
dBc
fDAC = 800 MSPS, fOUT = 100 MHz
75
80
81
dBc
NOISE SPECTRAL DENSITY (NSD), EIGHT-TONE, 500 kHz
TONE SPACING
fDAC = 200 MSPS, fOUT = 80 MHz
−152
−155
−158
dBm/Hz
fDAC = 400 MSPS, fOUT = 80 MHz
−155
−159
−160
dBm/Hz
fDAC = 800 MSPS, fOUT = 80 MHz
−157.5
−160
−161
dBm/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR),
SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 100 MHz
76
78
79
dBc
fDAC = 491.52 MSPS, fOUT = 200 MHz
69
73
74
dBc
W-CDMA SECOND ADJACENT CHANNEL LEAKAGE RATIO
(ACLR), SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 100 MHz
77.5
80
81
dBc
fDAC = 491.52 MSPS, fOUT = 200 MHz
76
78
78
dBc


Similar Part No. - AD9778A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778A-EBZ AD-AD9778A-EBZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9778ABSVZ AD-AD9778ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9778ABSVZ AD-AD9778ABSVZ Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9778ABSVZRL AD-AD9778ABSVZRL Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9778ABSVZRL AD-AD9778ABSVZRL Datasheet
1Mb / 55P
   Digital-to-Analog Converters
More results

Similar Description - AD9778A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776 AD-AD9776 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com