Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS93KMSR Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS93KMSR
Description  Radiation Hardened 4-Bit Binary Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS93KMSR Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS93KMSR Datasheet HTML 1Page - Intersil Corporation HCTS93KMSR Datasheet HTML 2Page - Intersil Corporation HCTS93KMSR Datasheet HTML 3Page - Intersil Corporation HCTS93KMSR Datasheet HTML 4Page - Intersil Corporation HCTS93KMSR Datasheet HTML 5Page - Intersil Corporation HCTS93KMSR Datasheet HTML 6Page - Intersil Corporation HCTS93KMSR Datasheet HTML 7Page - Intersil Corporation HCTS93KMSR Datasheet HTML 8Page - Intersil Corporation HCTS93KMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
487
HCTS93MS
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518622
Pulse Width, Removal Timing Diagram
Negative Edge Trigger
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.5
V
VIH
3.0
V
VS
1.3
V
VIL
0
V
GND
0
V
TREM
INPUT CP
VIL
VS
VIH
VS
TW
INPUT MR
VIH
TREM = Removal Time
TW = Pulse Width
VIL
TW
Pulse Width, Removal Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500


Similar Part No. - HCTS93KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS00D INTERSIL-HCTS00D Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Renesas Technology Corp
HCTS00D RENESAS-HCTS00D Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS00DMSR INTERSIL-HCTS00DMSR Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Renesas Technology Corp
HCTS00DMSR RENESAS-HCTS00DMSR Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS00HMSR INTERSIL-HCTS00HMSR Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
More results

Similar Description - HCTS93KMSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC93 PHILIPS-74HC93 Datasheet
45Kb / 7P
   4-bit binary ripple counter
December 1990
logo
Intersil Corporation
HCTS393MS INTERSIL-HCTS393MS Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393MS RENESAS-HCTS393MS Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
Intersil Corporation
HCTS390MS INTERSIL-HCTS390MS Datasheet
139Kb / 9P
   Radiation Hardened Dual Decade Ripple Counter
September 1995
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com