Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3-6408-9 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HD3-6408-9
Description  CMOS Asynchronous Serial Manchester Adapter (ASMA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD3-6408-9 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HD3-6408-9 Datasheet HTML 3Page - Intersil Corporation HD3-6408-9 Datasheet HTML 4Page - Intersil Corporation HD3-6408-9 Datasheet HTML 5Page - Intersil Corporation HD3-6408-9 Datasheet HTML 6Page - Intersil Corporation HD3-6408-9 Datasheet HTML 7Page - Intersil Corporation HD3-6408-9 Datasheet HTML 8Page - Intersil Corporation HD3-6408-9 Datasheet HTML 9Page - Intersil Corporation HD3-6408-9 Datasheet HTML 10Page - Intersil Corporation HD3-6408-9 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
5-8
AC Testing Input, Output Waveform
NOTE: AC Testing: All input signals must switch between VIL and VIH. Input rise and fall times are driven at 1ns per volt.
Encoder Timing
INPUT
VIH
50%
VIL
50%
VOH
VOL
SCI
VALID
(7)
TE1
TE3 (9)
VALID
ESC
SDI
SC
ESC
EE
SS
ESC
SD
SC
BOO OR BZO
TE2
(8)
(7)
TE1
TE10 (16)
(10)
TE4
(17)
TE11
VALID
(14)
TE8
(15)
TE9
(11)
TE5
TE7
(13)
(12)
TE6
HD-6408


Similar Part No. - HD3-6408-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD3-6408-9 INTERSIL-HD3-6408-9 Datasheet
237Kb / 11P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
HD3-6408-9 INTERSIL-HD3-6408-9 Datasheet
232Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter
October 1, 2015
logo
Renesas Technology Corp
HD3-6408-9 RENESAS-HD3-6408-9 Datasheet
507Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
logo
Intersil Corporation
HD3-6408-9Z INTERSIL-HD3-6408-9Z Datasheet
237Kb / 11P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
HD3-6408-9Z INTERSIL-HD3-6408-9Z Datasheet
232Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter
October 1, 2015
More results

Similar Description - HD3-6408-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6408 INTERSIL-HD-6408_06 Datasheet
237Kb / 11P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
logo
Renesas Technology Corp
HD-6408 RENESAS-HD-6408 Datasheet
507Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter (ASMA)
logo
Intersil Corporation
HD3-6408-9 INTERSIL-HD3-6408-9 Datasheet
232Kb / 12P
   CMOS Asynchronous Serial Manchester Adapter
October 1, 2015
logo
California Micro Device...
G65SC51 CALMIRCO-G65SC51 Datasheet
454Kb / 10P
   CMOS ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
Harris Corporation
CDP65C51 HARRIS-CDP65C51 Datasheet
1Mb / 18P
   CMOS Asynchronous Communications Interface Adapter(ACIA)
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com