Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9816 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9816
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9816_15 Datasheet HTML 6Page - Analog Devices AD9816_15 Datasheet HTML 7Page - Analog Devices AD9816_15 Datasheet HTML 8Page - Analog Devices AD9816_15 Datasheet HTML 9Page - Analog Devices AD9816_15 Datasheet HTML 10Page - Analog Devices AD9816_15 Datasheet HTML 11Page - Analog Devices AD9816_15 Datasheet HTML 12Page - Analog Devices AD9816_15 Datasheet HTML 13Page - Analog Devices AD9816_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9816
–10–
REV. A
Table II. 3-Channel Selection
MUX Register Bits
6
5
Channel Sequence
0
1
Red, Green, Blue
1
0
Blue, Green, Red
Table III. 1-Channel Selection
MUX Register Bits
4
3
2
Channel
0
0
1
Red
0
1
0
Green
1
0
0
Blue
The offset is variable from –100 mV to +100 mV, and is applied
at the output of the CDS, before the PGA. The resolution is
8 bits, and a sign magnitude coding scheme is used. Table IV
shows the offset voltage that corresponds to the register value.
7 6 5 4 3 2 1 0
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7 (MSB)
Figure 9. Offset Registers for Red, Green and Blue
Channels
Table IV. Offset Adjustment
Offset Register
Offset Voltage
0111 1111 (LSB)
+100 mV
..
..
..
0000 0001
+0.8 mV
0000 0000
0.0 mV
1000 0000
0.0 mV
1000 0001
–0.8 mV
..
..
..
1111 1111
–100 mV
The PGA is used for correcting color imbalance and for fine
adjustment of the input span before the ADC. Gain is variable
from 1
× to 6× (0 dB to 15.5 dB) with 8-bit resolution. An all
“zeros” word (00 . . . 0) corresponds to the minimum gain, and
an all “ones” word (11 . . . 1) corresponds to the maximum
gain. The gain of the PGA increases linearly as the gain word
increases, and can be calculated by the following equation:
PGA Gain = 1 + (Gain Code/51.2)
where Gain Code varies from 0 to 255. For more information,
refer to the Circuit Descriptions section.
7 6 5 4 3 2 1 0
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7 (MSB)
Figure 10. PGA Registers for Red, Green and Blue
Channels
SERIAL TIMING
The 3-wire serial interface timing is shown below. To write to
the AD9816, SLOAD is first taken low. Next, a total of 16 bits
are sent to SDATA, which get latched into the AD9816 on the
rising edges of SCLK. Additional SCLK pulses will be ignored.
The first bit, R/W, should be low to specify a write operation.
The next three bits, A2–A0, are the address bits to specify the
destination register for the data word D7–D0. After all 16 bits
have been clocked, SLOAD is taken high, which internally
latches the data to the appropriate register. The read operation
also starts by taking SLOAD low. First, a one is written to R/W,
to specify a read operation. Next, the three Address Bits A2–A0
are written to specify the register that will be read. On the 8th
SCLK falling edge, SDATA will begin to output the informa-
tion from the desired register. After all eight data bits have been
read, SLOAD is taken back high.
tDH
tDS
tLS
tLH
SDATA
SCLK
SLOAD
R/Wb
A2
A1 A0
D7 D6 D5
D4 D3 D2
D1
D0
Figure 11. Write Operation Timing
tDH
tDS
tLS
tLH
SDATA
SCLK
SLOAD
R/Wb
A2
A1 A0
D7 D6 D5
D4 D3 D2
D1
D0
tRDV
Figure 12. Read Operation Timing
OBSOLETE


Similar Part No. - AD9816_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9816-EB AD-AD9816-EB Datasheet
171Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9816JS AD-AD9816JS Datasheet
171Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9816JS-80010 AD-AD9816JS-80010 Datasheet
171Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
More results

Similar Description - AD9816_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9816 AD-AD9816 Datasheet
171Kb / 16P
   Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9844A AD-AD9844A Datasheet
169Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9814 AD-AD9814 Datasheet
160Kb / 15P
   Complete 14-Bit CCD/CIS Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com