Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9848 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9848_15 Datasheet HTML 3Page - Analog Devices AD9848_15 Datasheet HTML 4Page - Analog Devices AD9848_15 Datasheet HTML 5Page - Analog Devices AD9848_15 Datasheet HTML 6Page - Analog Devices AD9848_15 Datasheet HTML 7Page - Analog Devices AD9848_15 Datasheet HTML 8Page - Analog Devices AD9848_15 Datasheet HTML 9Page - Analog Devices AD9848_15 Datasheet HTML 10Page - Analog Devices AD9848_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
REV. A
AD9848/AD9849
–7–
ABSOLUTE MAXIMUM RATINGS
With
Parameter
Respect To
Min
Max
Unit
AVDD1, 2, 3
AVSS
–0.3
+3.9
V
DVDD1, DVDD2 (AD9848)
DVSS
–0.3
+3.9
V
DVDD1, DVDD2 (AD9849)
DVSS
–0.3
+5.5
V
DVDD3, 4
DVSS
–0.3
+3.9
V
Digital Outputs
DVSS3
–0.3
DVDD3 + 0.3
V
CLPOB, CLPDM, BLK
DVSS4
–0.3
DVDD4 + 0.3
V
CLI
AVSS
–0.3
AVDD + 0.3
V
SCK, SL, SDATA
DVSS4
–0.3
DVDD4 + 0.3
V
VRT, VRB
AVSS
–0.3
AVDD + 0.3
V
BYP1–3, CCDIN
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9848/AD9849 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
THERMAL CHARACTERISTICS
Thermal Resistance
48-Lead LQFP Package
JA = 92
°C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9848AKST
–20
°C to +85°CThin Plastic Quad
ST-48
Flatpack (LQFP)
AD9849AKST
–20
°C to +85°CThin Plastic Quad
ST-48
Flatpack (LQFP)


Similar Part No. - AD9848_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9848AKST AD-AD9848AKST Datasheet
1Mb / 32P
   CCD Signal Processors with Integrated Timing Driver
REV. A
AD9848KST AD-AD9848KST Datasheet
347Kb / 36P
   CCD Signal Processors with Integrated Timing Driver
REV. 0
More results

Similar Description - AD9848_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9848 AD-AD9848 Datasheet
347Kb / 36P
   CCD Signal Processors with Integrated Timing Driver
REV. 0
AD9849 AD-AD9849_15 Datasheet
1Mb / 32P
   CCD Signal Processors with Integrated Timing Driver
REV. A
AD9849AKSTZ AD-AD9849AKSTZ Datasheet
1Mb / 32P
   CCD Signal Processors with Integrated Timing Driver
REV. A
AD9891 AD-AD9891 Datasheet
521Kb / 58P
   CCD Signal Processors with Precision Timing??Generator
AD9895 AD-AD9895_15 Datasheet
670Kb / 58P
   CCD Signal Processors with Precision Timing Generator
REV. A
AD9891 AD-AD9891_15 Datasheet
670Kb / 58P
   CCD Signal Processors with Precision Timing Generator
REV. A
AD9847 AD-AD9847_15 Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKSTZ AD-AD9847AKSTZ Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKCPZRL AD-AD9847AKCPZRL Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847 AD-AD9847 Datasheet
428Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com