Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMBTA42-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KMBTA42-HF
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMBTA42-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KMBTA42-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMBTA42-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
www.kexin.com.cn
SMD Type
Transistors
Typical Characterisitics
0
300
600
900
1200
0.1
1
10
100
0.1
1
10
100
10
100
0.1
1
10
100
300
600
900
0.1
1
10
100
10
100
0.1
1
10
100
10
100
1000
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
12
14
16
18
COMMON EMITTER
V
CE=10V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
f
T
——
COMMON EMITTER
V
CE=20V
T
a=25
COLLECTOR CURRENT I
C
(mA)
300
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
500
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=10V
COMMON
EMITTER
T
a=25
90uA
I
B=10uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
C
—— V
CE
20uA
30uA
40uA
50uA
60uA
70uA
80uA
NPN
Transistors
0
25
50
75
100
125
150
0
100
200
300
400
0.1
1
10
1
10
100
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
REVERSE VOLTAGE V (V)
20
MMBTA42-HF (KMBTA42-HF)


Similar Part No. - KMBTA42-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KMBTA42W KEXIN-KMBTA42W Datasheet
1,020Kb / 2P
   NPN Transistors
More results

Similar Description - KMBTA42-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com