Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9861 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9861_15 Datasheet HTML 2Page - Analog Devices AD9861_15 Datasheet HTML 3Page - Analog Devices AD9861_15 Datasheet HTML 4Page - Analog Devices AD9861_15 Datasheet HTML 5Page - Analog Devices AD9861_15 Datasheet HTML 6Page - Analog Devices AD9861_15 Datasheet HTML 7Page - Analog Devices AD9861_15 Datasheet HTML 8Page - Analog Devices AD9861_15 Datasheet HTML 9Page - Analog Devices AD9861_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9861
Rev. 0 | Page 6 of 52
TIMING SPECIFICATIONS
Table 5. AD9861-50 and AD9861-80
Parameter
Temp
Test Level
Min
Typ
Max
Unit
INPUT CLOCK
CLKIN Clock Rate (PLL Bypassed)
Full
IV
1
200
MHz
PLL Input Frequency
Full
IV
16
200
MHz
PLL Ouput Frequency
Full
IV
32
350
MHz
TxPATH DATA
Setup Time (HD20 Mode, Time Required Before Data Latching
Edge)
Full
V
5
ns (see Clock
Distribution Block
section)
Hold Time (HD20 Mode, Time Required After Data Latching
Edge)
Full
V
–1.5
ns (see Clock
Distribution Block
section)
Latency 1× Interpolation (data in until peak output response)
Full
V
7
DAC Clock Cycles
Latency 2× Interpolation (data in until peak output response)
Full
V
35
DAC Clock Cycles
Latency 4× Interpolation (data in until peak output response)
Full
V
83
DAC Clock Cycles
RxPATH DATA
Output Delay (HD20 Mode, tOD)
Full
V
–1.5
ns (see Clock
Distribution Block
section)
Latency
Full
V
5
ADC Clock Cycles
Table 6. Explanation of Test Levels
Level
Description
I
100% production tested.
II
100% production tested at 25
°C and guaranteed by design and characterization at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25
°C and guaranteed by design and characterization for industrial temperature range.


Similar Part No. - AD9861_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9861 AD-AD9861_17 Datasheet
977Kb / 52P
   Transceiver for Broadband Applications
More results

Similar Description - AD9861_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com