Electronic Components Datasheet Search |
|
ACDC02-41SYKWA-F01 Datasheet(PDF) 2 Page - Kingbright Corporation |
|
ACDC02-41SYKWA-F01 Datasheet(HTML) 2 Page - Kingbright Corporation |
2 / 5 page SPEC NO: DSAG0230 REV NO: V.11A DATE: JAN/12/2015 PAGE: 2 OF 5 APPROVED: WYNEC CHECKED: Joe Lee DRAWN: Q.M.Chen ERP: 1352000342 Selection Guide Note: 1. Luminous intensity/ luminous Flux: +/-15%. * Luminous intensity value is traceable to the CIE127-2007 compliant national standards. Absolute Maximum Ratings at TA=25°C Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Description Min. Typ. Super Bright Yellow (AlGaInP) White Diffused 21000 50000 Common Cathode, Rt. Hand Decimal. *5600 *15000 ACDC02-41SYKWA-F01 Parameter Super Bright Yellow Units Power dissipation 75 mW DC Forward Current 30 mA Peak Forward Current [1] 175 mA Reverse Voltage 5 V Operating / Storage Temperature -40°C To +85°C Electrical / Optical Characteristics at TA=25°C Notes: 1.Wavelength: +/-1nm. 2.Forward Voltage: +/-0.1V. 3.Wavelength value is traceable to the CIE127-2007 compliant national standards. 4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or premature failure. Symbol Parameter Device Typ. Max. Units Test Conditions λpeak Peak Wavelength Super Bright Yellow 590 nm IF=20mA λD [1] Dominant Wavelength Super Bright Yellow 590 nm IF=20mA Δλ1/2 Spectral Line Half-width Super Bright Yellow 20 nm IF=20mA C Capacitance Super Bright Yellow 20 pF VF=0V;f=1MHz VF [2] Forward Voltage Super Bright Yellow 2.0 2.5 V IF=20mA IR Reverse Current Super Bright Yellow 10 uA VR=5V |
Similar Part No. - ACDC02-41SYKWA-F01_15 |
|
Similar Description - ACDC02-41SYKWA-F01_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |