Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9927 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9927_15 Datasheet HTML 4Page - Analog Devices AD9927_15 Datasheet HTML 5Page - Analog Devices AD9927_15 Datasheet HTML 6Page - Analog Devices AD9927_15 Datasheet HTML 7Page - Analog Devices AD9927_15 Datasheet HTML 8Page - Analog Devices AD9927_15 Datasheet HTML 9Page - Analog Devices AD9927_15 Datasheet HTML 10Page - Analog Devices AD9927_15 Datasheet HTML 11Page - Analog Devices AD9927_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
AD9927
Rev. 0 | Page 8 of 100
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect To
Rating
AVDD
AVSS
−0.3 V to +2.0 V
TCVDD
TCVSS
−0.3 V to +2.0 V
HVDD1, HVDD2
HVSS1,
HVSS2
−0.3 V to +3.9 V
RGVDD
RGVSS
−0.3 V to +3.9 V
DVDD
DVSS
−0.3 V to +2.0 V
DRVDD
DRVSS
−0.3 V to +3.9 V
IOVDD
IOVSS
−0.3 V to +3.9 V
XVVDD
DVSS
−0.3 V to +3.9 V
CLIVDD
TCVSS
−0.3 V to +3.9 V
LDOIN
LDOVSS
−0.3 V to +3.9 V
CP1P8
CPVSS
−0.3 V to +2.0 V
VH1, VH2
VL1
−0.3 V to +25.0 V
VH1, VH2
VSS1
−0.3 V to +17.0 V
VL1, VL2
VSS1
−17.0 V to +0.3 V
VM1, VM2
VSS1
−6.0 V to +0.3 V
VLL
VSS1
−17.0 V to +0.3 V
VMM
VSS1
−6.0 V to +0.3 V
V5V
VSS1
−0.3 V to +6.0 V
V1A to V15
VSS1
VL − 0.3 V to VH + 0.3 V
RG Output
RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H8, HL Output
HVSS
−0.3 V to HVDD + 0.3 V
Digital Outputs
DVSS
−0.3 V to IOVDD + 0.3 V
Digital Inputs
DVSS
−0.3 V to IOVDD + 0.3 V
SCK, SL, SDATA
DVSS
−0.3 V to IOVDD + 0.3 V
REFT, REFB, CCDIN
AVSS
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature,
10 sec
350°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL CHARACTERISTICS
Thermal Resistance
CSP_BGA package: θJA = 40.3°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9927_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9927BBCZ AD-AD9927BBCZ Datasheet
842Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
REV. 0
AD9927BBCZRL AD-AD9927BBCZRL Datasheet
842Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
REV. 0
More results

Similar Description - AD9927_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9928 AD-AD9928 Datasheet
74Kb / 2P
   Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpD
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com