Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9937 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing Generator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9937_15 Datasheet HTML 4Page - Analog Devices AD9937_15 Datasheet HTML 5Page - Analog Devices AD9937_15 Datasheet HTML 6Page - Analog Devices AD9937_15 Datasheet HTML 7Page - Analog Devices AD9937_15 Datasheet HTML 8Page - Analog Devices AD9937_15 Datasheet HTML 9Page - Analog Devices AD9937_15 Datasheet HTML 10Page - Analog Devices AD9937_15 Datasheet HTML 11Page - Analog Devices AD9937_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
REV. 0
–8–
AD9937–Typical Performance Characteristics
SAMPLE RATE – MHz
812
10
150
120
160
100
110
130
140
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
TPC 1. Power vs. Sample Rate
VDD = 3.0V
CODE
0.50
0.25
0
200
0
–0.25
–0.50
400
600
800
1000
TPC 2. Typical DNL Performance


Similar Part No. - AD9937_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9937KCP AD-AD9937KCP Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937KCPRL AD-AD9937KCPRL Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
More results

Similar Description - AD9937_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com