Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9944KCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9944KCPZ
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9944KCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9944KCPZ Datasheet HTML 7Page - Analog Devices AD9944KCPZ Datasheet HTML 8Page - Analog Devices AD9944KCPZ Datasheet HTML 9Page - Analog Devices AD9944KCPZ Datasheet HTML 10Page - Analog Devices AD9944KCPZ Datasheet HTML 11Page - Analog Devices AD9944KCPZ Datasheet HTML 12Page - Analog Devices AD9944KCPZ Datasheet HTML 13Page - Analog Devices AD9944KCPZ Datasheet HTML 14Page - Analog Devices AD9944KCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD9943/AD9944
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. AD9943/AD9944 Power vs. Sample Rate
Figure 8. AD9943 Typical DNL Performance
Figure 9. AD9944 Typical DNL Performance
SAMPLE RATE (MHz)
100
50
25
15
10
80
20
90
70
60
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
40
0
1000
400
200
600
800
0
–0.50
0.50
0.25
–0.25
0.50
0.25
0
–0.25
–0.50
0
800
1600
2400
3200
4000
Rev. C | Page 11 of 20


Similar Part No. - AD9944KCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944KCPZ1 AD-AD9944KCPZ1 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9944KCPZRL1 AD-AD9944KCPZRL1 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
More results

Similar Description - AD9944KCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com