Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9929 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9929
Description  CCD Signal Processor with Precision Timing Generator
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929 Datasheet(HTML) 3 Page - Analog Devices

  AD9929_15 Datasheet HTML 1Page - Analog Devices AD9929_15 Datasheet HTML 2Page - Analog Devices AD9929_15 Datasheet HTML 3Page - Analog Devices AD9929_15 Datasheet HTML 4Page - Analog Devices AD9929_15 Datasheet HTML 5Page - Analog Devices AD9929_15 Datasheet HTML 6Page - Analog Devices AD9929_15 Datasheet HTML 7Page - Analog Devices AD9929_15 Datasheet HTML 8Page - Analog Devices AD9929_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
AD9929
Rev. A | Page 3 of 64
SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE
AVDD (AFE Analog Supply)
2.7
3.0
3.6
V
TCVDD (Timing Core Analog Supply)
2.7
3.0
3.6
V
RGVDD (RG Driver)
2.7
3.0
3.6
V
HVDD (H1 to H2 Drivers)
2.7
3.0
3.6
V
DRVDD (Data Output Drivers)
2.7
3.0
3.6
V
DVDD (Digital)
2.7
3.0
3.6
V
VERTICAL DRIVER SUPPLY VOLTAGE
VDD (Vertical Driver Input Logic Supply)
2.7
3.0
3.6
V
VH1, VH2 (Vertical Driver High Supply)
11.5
15.0
16.0
V
VM1, VM2 (Vertical Driver Mid Supply)
−1.0
0.0
1.0
V
VL (Vertical Driver Low Supply for 3 Level and 2 Level)
−9.0
−7.5
−5.0
V
AFETG POWER DISSIPATION
36 MHz, Typ Supply Levels, 100 pF H1 to H2 Loading
180
mW
Power from HVDD Only1
36
mW
Power-down Mode (AFE and Digital in Standby Operation)
1
mW
VERTICAL DRIVER POWER DISSIPATION2 (6000 pF V1 to V4 Loading, 1000 pF SUBCK Loading)
Power from VDD
<1.0
mW
Power from VH1
23.0
mW
Power from VH2
15.0
mW
Power from VL
42.0
mW
MAXIMUM CLOCK RATE (CLI) AD9929
36
MHz
1 The total power dissipated by the HVDD supply may be approximated by using the equation:
Total HVDD Power = [CLOAD × HVDD × Pixel Frequency] × HVDD × Number of H-Outputs Used.
Actual HVDD power may be slightly different than the calculated value because of the stray capacitance inherent in the PCB layout/routing.
2 Vertical driver loads used when characterizing power consumption. Note: actual power depends on the V1 to V4 timing and number of SUBCKs.
V1, V2, V3, V4
6000 pF
SUBCK
1000 pF
500mV TYP
RESET
TRANSIENT
100mV MAX
OPTICAL
BLACK PIXEL
1V MAX
INPUT
SIGNAL RANGE
INPUT SIGNAL CHARACTERISTICS DEFINED AS FOLLOWS:


Similar Part No. - AD9929_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929BBCZ AD-AD9929BBCZ Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results

Similar Description - AD9929_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com