Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB0606 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # OPB0606
Description  Silicon Photo Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

OPB0606 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  OPB0606 Datasheet HTML 1Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon Photo Transistor
1. Structure
1.1 Chip Size : 0.61mm X 0.61mm
1.2 Chip thickness : 280±20um
1.3 Metallization : Top - Al, Bottom - Au
1.4 Passivation : Silicon Nitride
1.5 Bonding Pad Size
- Emitter : 155um X 155um
- Base : 90um X 90um
2. Guaranteed Probed Electrical Characteristics
(Ta=25℃)
Symbol
Min
Typ
Max
Unit
ICEO
100
nA
λ
450
1100
nm
λp
880
nm
BVCEO
30
V
BVCBO
40
V
BVEBO
5V
BVECO
4V
VCES
300
mV
tr/tf
us
hFE
1,000
2,200
-
3. Hfe Bin Grade
MIN
MAX
1,000
1,500
1,200
1,800
1,500
2,200
4. Maximum Ratings
(Ta=25℃)
Symbol
Rating
Unit
VCEO
30
V
VECO
4V
Eoyang factory,513-5 Eoyang-dong, Iksan, 570-210, Korea
Tel.
+82 63 839 1111
Fax.
+82 63 835 8259
www.auk.co.kr
Bin Grade
A
C-B Voltage
IEC=50uA
IEB=50uA
ICB=50uA
VCE=10V, c=1mA
AUK Corp.
Rise/Fall Time
C-E Saturation Voltage
E-B Voltage
Parameter
B
C
Emitter-Collector Voltage
Collector-Emitter Voltage
DC Current Gain
OPB0606
VCE=10V
Condition
15/15(Typ)
Parameter
C-E Leakage Current
E-C Voltage
Spectrum Sensitivity
C-E Voltage
Peak Sensing Wavelength
VCE=5V, IC=1mA,
RL-1000Ω
IC=5mA, IB=1mA
ICE=500uA


Similar Part No. - OPB0606

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPB0604 KODENSHI-OPB0604 Datasheet
101Kb / 1P
   Silicon Photo Transistor
More results

Similar Description - OPB0606

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KDT5001A_0604 KODENSHI-KDT5001A_0604 Datasheet
541Kb / 2P
   Silicon photo transistor
OPB0462 KODENSHI-OPB0462 Datasheet
139Kb / 1P
   Silicon Photo Transistor
logo
Yellow Stone Corp
BPT-BP0331 YSTONE-BPT-BP0331 Datasheet
395Kb / 1P
   SILICON PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
OPB0808 KODENSHI-OPB0808 Datasheet
102Kb / 1P
   Silicon Photo Transistor
OPB0505P KODENSHI-OPB0505P Datasheet
67Kb / 1P
   Silicon Photo Transistor
OPB1104 KODENSHI-OPB1104 Datasheet
104Kb / 1P
   Silicon Photo Transistor
KDT5002A KODENSHI-KDT5002A Datasheet
404Kb / 3P
   Silicon photo transistor
OPB0604 KODENSHI-OPB0604 Datasheet
101Kb / 1P
   Silicon Photo Transistor
OPB0642 KODENSHI-OPB0642 Datasheet
100Kb / 1P
   Silicon Photo Transistor
KDT3002A KODENSHI-KDT3002A Datasheet
240Kb / 2P
   Silicon photo transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com