Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1607-HF-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1607-HF-3
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1607-HF-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1607-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1607-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1607-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
--0.2mA
--0.4mA
--0.6mA
--0.8mA
--1.0m
A
--100
--80
--60
--40
--20
0
0
.
2
--
6
.
1
--
8
.
0
--
0
2
.
1
--
4
.
0
--
--20
--16
--12
--8
--4
0
0
2
--
6
1
--
8
--
0
2
1
--
4
--
IC -- VCE
IB=0
IC -- VCE
--80uA
--40uA
--100u
A
--60uA
--120u
A
IB=0
--20uA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
Ta=75 C
--25 C
hFE -- IC
VCE=--1V
VCE=--1V
100
10
7
1000
7
5
3
2
5
3
2
--1.0
3
2
5
--0.1
3
2
5
--10
3
2
5
7
3
7
7
2
--100
--160
--140
--120
--20
--100
--80
--60
--40
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
25 C
Base-to-Emitter Voltage, VBE – V
Collector Current, IC –mA
。 。
VCE=--10V
fT -- IC
3
100
2
2
5
7
1000
7
5
3
7
7
2
5
2
2
3
5
3
3
--1.0
--10
7 --100
Collector Current, IC –mA
Cob -- VCB
3
2
2
7
5
7
5
10
1.0
--1.0
7
3
--10
2
7
3
5
2
7
5
f=1MHz
Collector-to-Base Voltage, VCB -- V
PNP Transistors
2SA1607-HF


Similar Part No. - 2SA1607-HF-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1607-HF KEXIN-2SA1607-HF Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1607-HF-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com