Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9992_15 Datasheet HTML 6Page - Analog Devices AD9992_15 Datasheet HTML 7Page - Analog Devices AD9992_15 Datasheet HTML 8Page - Analog Devices AD9992_15 Datasheet HTML 9Page - Analog Devices AD9992_15 Datasheet HTML 10Page - Analog Devices AD9992_15 Datasheet HTML 11Page - Analog Devices AD9992_15 Datasheet HTML 12Page - Analog Devices AD9992_15 Datasheet HTML 13Page - Analog Devices AD9992_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
AD9992
Rev. C | Page 10 of 92
Pin No.
Mnemonic
Type1
Description
C7
CLIVDD
P
CLI Input Supply: 3.0 V
C6
CLO
DO
Clock Output for Crystal
C5
CLI
DI
Reference Clock Input
B6
AVDD
P
AFE Supply: 1.8 V
A6
CCDIN
AI
CCD Signal Input
B5, A5
AVSS
P
Analog Supply Ground
A4
REFT
AO
Voltage Reference Top Bypass
A3
REFB
AO
Voltage Reference Bottom Bypass
C4
SL
DI
3-Wire Serial Load Pulse (internal pull-up resistor)
A2
SDATA
DI
3-Wire Serial Data Input
B3
SCK
DI
3-Wire Serial Clock
A9, G10, K5, J4, J5, L5
NC
Not Internally Connected
1 DIO = digital input/output, DI = digital input, P = power, DO = digital output, AI = analog input, AO = analog output.


Similar Part No. - AD9992_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9992BBCZ AD-AD9992BBCZ Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992BBCZ AD-AD9992BBCZ Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992BBCZ AD-AD9992BBCZ Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9992BBCZRL AD-AD9992BBCZRL Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992BBCZRL AD-AD9992BBCZRL Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
More results

Similar Description - AD9992_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9995 AD-AD9995 Datasheet
1Mb / 60P
   12-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9994 AD-AD9994 Datasheet
63Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. Sp0
AD9992 AD-AD9992_07 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com